Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSLS7031KIT-D1 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZSLS7031KIT-D1
Description  Isolated and Non-isolated Flyback LED Driver with Active PFC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSLS7031KIT-D1 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZSLS7031KIT-D1 Datasheet HTML 2Page - Integrated Device Technology ZSLS7031KIT-D1 Datasheet HTML 3Page - Integrated Device Technology ZSLS7031KIT-D1 Datasheet HTML 4Page - Integrated Device Technology ZSLS7031KIT-D1 Datasheet HTML 5Page - Integrated Device Technology ZSLS7031KIT-D1 Datasheet HTML 6Page - Integrated Device Technology ZSLS7031KIT-D1 Datasheet HTML 7Page - Integrated Device Technology ZSLS7031KIT-D1 Datasheet HTML 8Page - Integrated Device Technology ZSLS7031KIT-D1 Datasheet HTML 9Page - Integrated Device Technology ZSLS7031KIT-D1 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ZSLS7031 Datasheet
© 2016 Integrated Device Technology, Inc.
6
January 26, 2016
1.3
Electrical Parameters
Except as noted, test conditions for the following specifications are VCC=16V, FB=0V, VSINE=2.5V, VCS=0V,
RSET=300k
Ω, and T
AMB = 25°C (typical).
Production testing of the chip is performed at 25°C unless otherwise stated. Functional operation of the chip and
specified parameters at other temperatures are guaranteed by design, characterization, and process control.
Table 1.3
Electrical Parameters
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.1
VCC startup voltage threshold
VTH_S
VCC rising
14.5
16
17.5
V
1.3.2
VCC under-voltage threshold
VTH_D
VCC falling
7
8
9
V
1.3.3
GATE output voltage clamp
value
VGATEclp
VCC rising to 22V
15
17.5
19
V
1.3.4
Quiescent Supply Current
ICC
Not switching
800
μA
1.3.5
Startup current
IST
VCC < Vth_s
60
80
μA
1.3.6
Primary peak current control
threshold voltage
VCS
0.49
0.5
0.51
V
1.3.7
Blanking time
tBLANK
500
800
ns
1.3.8
Rise time
tRISE
0V to 7V, 1nF capacitor
from GATE to GND
100
120
ns
1.3.9
Fall time
tFALL
VCC = 16V, 1nF capacitor
from GATE to GND
50
80
ns
1.3.10
OVP rising voltage threshold
of FB
VOVP_H
1.2
1.25
1.3
V
1.3.11
OVP falling voltage threshold
of FB
VOVP_L
0.95
1.0
1.05
V
1.3.12
Operating frequency
f
RSET = 300k
49
50
51
kHz
1.3.13
CS over-current protection
delay
tOCP
f = 50 kHz
500
600
750
μs
1.3.14
CS over-current protection
threshold
VOCP_TH
f = 50 kHz
0.65
0.70
0.75
V


Similar Part No. - ZSLS7031KIT-D1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSLS7031KIT-D1 RENESAS-ZSLS7031KIT-D1 Datasheet
1Mb / 21P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
January 26, 2016
More results

Similar Description - ZSLS7031KIT-D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSLS7031 ETC2-ZSLS7031 Datasheet
1Mb / 22P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Renesas Technology Corp
ZSLS7031 RENESAS-ZSLS7031 Datasheet
1Mb / 21P
   Isolated and Non-isolated Flyback LED Driver with Active PFC
January 26, 2016
logo
Linear Technology
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
logo
Shenzhen Winsemi Microe...
WS3410 WINSEMI-WS3410 Datasheet
177Kb / 8P
   WS3410 Active PFC Non-isolated Buck LED Driver
WS3413 WINSEMI-WS3413 Datasheet
178Kb / 8P
   WS3413 Active PFC Non-isolated Buck LED Driver
WS3411 WINSEMI-WS3411 Datasheet
180Kb / 8P
   WS3411 Active PFC Non-isolated Buck LED Driver
WS3412 WINSEMI-WS3412 Datasheet
173Kb / 8P
   WS3412 Active PFC Non-isolated Buck LED Driver
logo
Monolithic Power System...
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
   Non-isolated Offline LED Controller with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com