Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6008LTH Datasheet(PDF) 4 Page - Teccor Electronics

Part # Q6008LTH
Description  Internally Triggered Triacs (4 A to 15 A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

Q6008LTH Datasheet(HTML) 4 Page - Teccor Electronics

  Q6008LTH Datasheet HTML 1Page - Teccor Electronics Q6008LTH Datasheet HTML 2Page - Teccor Electronics Q6008LTH Datasheet HTML 3Page - Teccor Electronics Q6008LTH Datasheet HTML 4Page - Teccor Electronics Q6008LTH Datasheet HTML 5Page - Teccor Electronics Q6008LTH Datasheet HTML 6Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Quadrac
Data Sheets
http://www.teccor.com
E3 - 4
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure E3.1 Normalized DC Holding Current versus Case Temperature
Figure E3.2 Test Circuit
Figure E3.3 Test Circuit Waveforms
Figure E3.4 On-state Current versus On-state Voltage (Typical)
(4 A to 10 A)
Figure E3.5 On-state Current versus On-state Voltage (Typical) (15 A)
Figure E3.6 Maximum Allowable Ambient Temperature versus
On-state Current
Case Temperature (TC) – ˚C
-40
-15
+25
+65
+105
2.0
1.5
1.0
.5
0
INITIAL ON-STATE CURRENT
= 200 mA DC 4 A to 10 A
= 400 mA DC 15 A
+125
120 V
60 Hz
RL
D.U.T.
MT2
MT1
VC
CT = 0.1 µF
T
VC
∆V+
-VBO
∆V-
+VBO
20
18
16
14
12
10
8
6
4
2
0
0
0.6
0.8
1.0
1.2
1.4
1.6
Positive or Negative
Instantaneous On-state Voltage (v
T) – Volts
6 A, 8 A, and 10 A
4 A
TC = 25 ˚C
90
80
70
60
50
40
30
20
10
0
0
0.6
0.8
1.0
1.2
1.4
1.6
15 A
TC = 25˚C
1.8
Positive or Negative
Instantaneous On-state Voltage (v
T) – Volts
120
100
80
60
40
20
RMS On-state Current [IT(RMS)] – Amps
25
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
4 A


Similar Part No. - Q6008LTH

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6008LTH LITTELFUSE-Q6008LTH Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
Q6008LTH1LED LITTELFUSE-Q6008LTH1LED Datasheet
629Kb / 6P
   Q6008LTH1LED series is designed to meet low load current characteristics typical in LED lighting applications.
More results

Similar Description - Q6008LTH

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
GE Solid State
MAC15 GESS-MAC15 Datasheet
149Kb / 4P
   15-A Silicon Triacs
logo
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
logo
Kersemi Electronic Co.,...
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
Littelfuse
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
NTE Electronics
NTE5646 NTE-NTE5646 Datasheet
18Kb / 2P
   TRIAC - Internally Triggered
logo
STMicroelectronics
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
   High temperature 4 A sensitive TRIACs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com