Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F634KWQN-G-SNE1 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB95F634KWQN-G-SNE1
Description  F2MC-8FX CPU core
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F634KWQN-G-SNE1 Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB95F634KWQN-G-SNE1 Datasheet HTML 1Page - Cypress Semiconductor MB95F634KWQN-G-SNE1 Datasheet HTML 2Page - Cypress Semiconductor MB95F634KWQN-G-SNE1 Datasheet HTML 3Page - Cypress Semiconductor MB95F634KWQN-G-SNE1 Datasheet HTML 4Page - Cypress Semiconductor MB95F634KWQN-G-SNE1 Datasheet HTML 5Page - Cypress Semiconductor MB95F634KWQN-G-SNE1 Datasheet HTML 6Page - Cypress Semiconductor MB95F634KWQN-G-SNE1 Datasheet HTML 7Page - Cypress Semiconductor MB95F634KWQN-G-SNE1 Datasheet HTML 8Page - Cypress Semiconductor MB95F634KWQN-G-SNE1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 102 page
background image
MB95630H Series
Document Number: 002-04627 Rev. *A
Page 4 of 102
Part number
Parameter
MB95F632H MB95F633H MB95F634H MB95F636H MB95F632K MB95F633K MB95F634K MB95F636K
External
interrupt
10 channels
• Interrupt by edge detection (The rising edge, falling edge, and both edges can be selected.)
• It can be used to wake up the device from different standby modes.
On-chip debug
• 1-wire serial control
• It supports serial writing (asynchronous mode).
UART/SIO
1 channel
• Data transfer with UART/SIO is enabled.
• It has a full duplex double buffer, variable data length (5/6/7/8 bits), an internal baud rate
generator and an error detection function.
• It uses the NRZ type transfer format.
• LSB-first data transfer and MSB-first data transfer are available to use.
• Both clock asynchronous (UART) serial data transfer and clock synchronous (SIO) serial
data transfer are enabled.
I2C bus
interface
1 channel
• Master/slave transmission and reception
• It has the following functions: bus error function, arbitration function, transfer direction de-
tection function, wake-up function, and functions of generating and detecting repeated
START conditions.
8/16-bit PPG
3 channels
• Each channel can be used as an “8-bit timer
 2 channels” or a “16-bit timer  1 channel”.
• The counter operating clock can be selected from eight clock sources.
16-bit PPG
timer
1 channel
• PWM mode and one-shot mode are available to use.
• The counter operating clock can be selected from eight clock sources.
• It supports external trigger start.
• It can work independently or together with the multi-pulse generator.
16-bit reload
timer
1 channel
• Two clock modes and two counter operating modes are available to use.
• It can output square wave.
• Count clock: it can be selected from internal clocks (seven types) and external clocks.
• Two counter operating modes: reload mode and one-shot mode
• It can work independently or together with the multi-pulse generator.
Multi-pulse
generator (for
DC motor
control)
• 16-bit PPG timer: 1 channel
• 16-bit reload timer operations: toggle output, one-shot output
• Event counter: 1 channel
• Waveform sequencer (including a 16-bit timer equipped with a buffer and a compare clear
function)
Watch prescaler Eight different time intervals can be selected.
Comparator
1 channel


Similar Part No. - MB95F634KWQN-G-SNE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F613HPMC-G-SNE2 CYPRESS-MB95F613HPMC-G-SNE2 Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F613K CYPRESS-MB95F613K Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F613KPMC-G-SNE2 CYPRESS-MB95F613KPMC-G-SNE2 Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95F614H CYPRESS-MB95F614H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
More results

Similar Description - MB95F634KWQN-G-SNE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
logo
Fujitsu Component Limit...
MB95F168JAPMC1-GE1 FUJITSU-MB95F168JAPMC1-GE1 Datasheet
530Kb / 21P
   F2MC-8FX MB95160MA Series
logo
Cypress Semiconductor
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
   F2MC-16FX CPU
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com