Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4011B Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ZSPM4011B
Description  High Efficiency 1A Synchronous Buck Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4011B Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ZSPM4011B Datasheet HTML 4Page - Integrated Device Technology ZSPM4011B Datasheet HTML 5Page - Integrated Device Technology ZSPM4011B Datasheet HTML 6Page - Integrated Device Technology ZSPM4011B Datasheet HTML 7Page - Integrated Device Technology ZSPM4011B Datasheet HTML 8Page - Integrated Device Technology ZSPM4011B Datasheet HTML 9Page - Integrated Device Technology ZSPM4011B Datasheet HTML 10Page - Integrated Device Technology ZSPM4011B Datasheet HTML 11Page - Integrated Device Technology ZSPM4011B Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ZSPM4011B Datasheet
© 2016 Integrated Device Technology, Inc.
8
January 27, 2016
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Feedback Reference
(Adjustable Mode)
FBTH
0.886
0.9
0.914
V
Soft Start Ramp Time
tSS
4
ms
PFM Mode FB Comparator
Tolerance
FBTH-TOL
For the adjustable version, the
ratio of VCC/Vout cannot exceed
16
-1.5
1.5
%
PFM Mode FB Comparator
Threshold
FBTH-PFM
VOUT +
1%
V
VOUT Under Voltage
Threshold
VOUT-UV
88%
VOUT
90%
VOUT
92%
VOUT
VOUT Under Voltage
Hysteresis
VOUT-
UV_HYST
1.5%
VOUT
VOUT Over Voltage Threshold
VOUT-OV
103%
VOUT
VOUT Over Voltage
Hysteresis
VOUT-
OV_HYST
1% VOUT
Max Duty Cycle
1) 2)
DUTYMAX
95%
97%
99%
1)
RDSON is characterized at 1A and tested at lower current in production.
2)
Regulator VSW pin is forced off for 240ns every 8 cycles to ensure the BST cap is replenished.


Similar Part No. - ZSPM4011B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
   High Efficiency 1A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
   High Efficiency 1A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4011BA1W00 ETC2-ZSPM4011BA1W00 Datasheet
1Mb / 23P
   High Efficiency 1A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4011BA1W00 RENESAS-ZSPM4011BA1W00 Datasheet
829Kb / 22P
   High Efficiency 1A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4011BA1W15 ETC2-ZSPM4011BA1W15 Datasheet
1Mb / 23P
   High Efficiency 1A Synchronous Buck Converter
More results

Similar Description - ZSPM4011B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
ZSPM4011B ETC2-ZSPM4011B Datasheet
1Mb / 23P
   High Efficiency 1A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4011B RENESAS-ZSPM4011B Datasheet
829Kb / 22P
   High Efficiency 1A Synchronous Buck Converter
January 27, 2016
ZSPM4011 RENESAS-ZSPM4011 Datasheet
682Kb / 21P
   ZSPM4011 High Efficiency 1A Synchronous Buck Converter
April 15, 2016
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
   1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Monolithic Power System...
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
   High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Global Mixed-mode Techn...
G5691 GMT-G5691 Datasheet
79Kb / 1P
   1.5MHz, 1A High Efficiency Buck Converter
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com