Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4012BA1W00 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSPM4012BA1W00
Description  High Efficiency 2A Synchronous Buck Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4012BA1W00 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSPM4012BA1W00 Datasheet HTML 1Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 2Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 3Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 4Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 5Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 6Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 7Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 8Page - Integrated Device Technology ZSPM4012BA1W00 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
High Efficiency 2A Synchronous
Buck Converter
ZSPM4012B
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 27, 2016
Typical Applications
Wireless access points, cable
modems
Set-top boxes
DVD, LCD, LED supplies
Portable products, including
GPS, smart phones, tablet
PCs
Printers
VCC
Over Current
Protection
Gate
Drive
Gate
Drive
Bootstrap
Voltage
VCC
Gate Drive
Control
FB
VSW
Vref
&
Soft Start
Oscillator
Ramp
Generator
Comparator
Error Amp
GND
Under-Voltage
Protection
MONITOR
&
CONTROL
Thermal
Protection
Over-Voltage
Protection
VCC
FB
VCC
VCC
BST
S
EN
PGND
PG
PFM Mode
Comparator
Vref
4.2V
Compensation
Network
High-Side Switch
Low-Side Switch
ZSPM4012B Block Diagram
Ordering Information
Ordering Code
Description
Package
ZSPM4012BA1W00
2A Synchronous Buck Converter: adjustable output, 0.9V to 5.5V, 16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4012BA1W15
2A Synchronous Buck Converter: fixed output, 1.5V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4012BA1W18
2A Synchronous Buck Converter: fixed output, 1.8V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4012BA1W25
2A Synchronous Buck Converter: fixed output, 2.5V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4012BA1W33
2A Synchronous Buck Converter: fixed output, 3.3V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4012BA1W50
2A Synchronous Buck Converter: fixed output, 5.0V,16-pin 3x3mm QFN
7” reel with 1000 ICs
ZSPM4012BKIT
ZSPM4012B Evaluation Kit for 2A Synchronous Buck Converter
Kit
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.


Similar Part No. - ZSPM4012BA1W00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012BA1W00 ETC2-ZSPM4012BA1W00 Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012BA1W00 RENESAS-ZSPM4012BA1W00 Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results

Similar Description - ZSPM4012BA1W00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
BCD Semiconductor Manuf...
AP3408 BCDSEMI-AP3408 Datasheet
385Kb / 12P
   2A, 4MHz High Efficiency Synchronous Buck Converter
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
   High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com