Electronic Components Datasheet Search |
|
ZSPM4012BA1W00 Datasheet(PDF) 5 Page - Integrated Device Technology |
|
ZSPM4012BA1W00 Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 21 page ZSPM4012B Datasheet © 2016 Integrated Device Technology, Inc. 5 January 27, 2016 1 ZSPM4012B Characteristics Important: Stresses beyond those listed under “Absolute Maximum Ratings” (section 1.1) may cause permanent damage to the device. These are stress ratings only. Functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” (section 1.3) is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability. 1.1. Absolute Maximum Ratings Over operating free–air temperature range unless otherwise noted. Table 1.1 Absolute Maximum Ratings Parameter Value 1) UNIT Voltage on VCC pin -0.3 to 26.4 V Voltage on BST pin -0.3 to (VCC+6) V Voltage on VSW pin -1 to 26.4 V Voltage on EN, PG, FB pins -0.3 to 6 V Electrostatic Discharge – Human Body Model 2) +/-2k V Electrostatic Discharge – Charge Device Model 2) +/-500 V Lead Temperature (soldering, 10 seconds) 260 °C 1) All voltage values are with respect to network ground terminal. 2) ESD testing is performed according to the respective JESD22 JEDEC standard. 1.2. Thermal Characteristics Table 1.2 Thermal Characteristics Parameter Symbol Value Unit Thermal Resistance Junction to Air 1) θ JA 34.5 °C/W Thermal Resistance Junction to Case 1) θ Jc 2.5 °C/W Storage Temperature Range TSTG -65 to 150 °C Maximum Junction Temperature TJ MAX 150 °C Operating Junction Temperature Range TJ -40 to 125 °C 1) Assumes 1 in 2 area of 2 oz. copper and 25 °C ambient temperature. |
Similar Part No. - ZSPM4012BA1W00 |
|
Similar Description - ZSPM4012BA1W00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |