Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4013BA1W00 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ZSPM4013BA1W00
Description  High Efficiency 3A Synchronous Buck Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4013BA1W00 Datasheet(HTML) 5 Page - Integrated Device Technology

  ZSPM4013BA1W00 Datasheet HTML 1Page - Integrated Device Technology ZSPM4013BA1W00 Datasheet HTML 2Page - Integrated Device Technology ZSPM4013BA1W00 Datasheet HTML 3Page - Integrated Device Technology ZSPM4013BA1W00 Datasheet HTML 4Page - Integrated Device Technology ZSPM4013BA1W00 Datasheet HTML 5Page - Integrated Device Technology ZSPM4013BA1W00 Datasheet HTML 6Page - Integrated Device Technology ZSPM4013BA1W00 Datasheet HTML 7Page - Integrated Device Technology ZSPM4013BA1W00 Datasheet HTML 8Page - Integrated Device Technology ZSPM4013BA1W00 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ZSPM4013B Datasheet
© 2016 Integrated Device Technology, Inc.
5
January 25, 2016
1
ZSPM4013B Characteristics
Important: Stresses beyond those listed under “Absolute Maximum Ratings” (section 1.1) may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at these or any other
conditions beyond those indicated under “Recommended Operating Conditions” (section 1.3) is not implied.
Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
1.1.
Absolute Maximum Ratings
Over operating free–air temperature range unless otherwise noted.
Table 1.1
Absolute Maximum Ratings
Parameter
Value
1)
UNIT
Voltage on VCC pin
-0.3 to 20
V
Voltage on BST pin
-0.3 to (VCC+6)
V
Voltage on VSW pin
-1 to 20
V
Voltage on EN, PG, FB pins
-0.3 to 6
V
Electrostatic Discharge – Human Body Model
2)
+/-2k
V
Electrostatic Discharge – Charge Device Model
2)
+/-500
V
Lead Temperature (soldering, 10 seconds)
260
°C
1)
All voltage values are with respect to network ground terminal.
2)
ESD testing is performed according to the respective JESD22 JEDEC standard.
1.2.
Thermal Characteristics
Table 1.2
Thermal Characteristics
Parameter
Symbol
Value
Unit
Thermal Resistance Junction to Air
1)
θ
JA
34.5
°C/W
Thermal Resistance Junction to Case
1)
θ
Jc
2.5
°C/W
Storage Temperature Range
TSTG
-65 to 150
°C
Maximum Junction Temperature
TJ MAX
150
°C
Operating Junction Temperature Range
TJ
-40 to 125
°C
1)
Assumes 1 in
2 area of 2 oz. copper and 25
°C ambient temperature.


Similar Part No. - ZSPM4013BA1W00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4013BA1W00 ETC2-ZSPM4013BA1W00 Datasheet
1Mb / 23P
   High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013BA1W00 RENESAS-ZSPM4013BA1W00 Datasheet
819Kb / 22P
   High Efficiency 3A Synchronous Buck Converter
January 25, 2016
More results

Similar Description - ZSPM4013BA1W00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
   High Efficiency 3A Synchronous Buck Converter
ZSPM4013B ETC2-ZSPM4013B Datasheet
1Mb / 23P
   High Efficiency 3A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4013B RENESAS-ZSPM4013B Datasheet
819Kb / 22P
   High Efficiency 3A Synchronous Buck Converter
January 25, 2016
ZSPM4013 RENESAS-ZSPM4013 Datasheet
796Kb / 21P
   ZSPM4013 High Efficiency 3A Synchronous Buck Converter
April 15, 2016
logo
uPI Group Inc.
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
   3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
UP1707S UPI-UP1707S Datasheet
157Kb / 13P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
UP1707P UPI-UP1707P Datasheet
224Kb / 11P
   3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
   3A Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com