Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSPM4012BA1W33 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZSPM4012BA1W33
Description  High Efficiency 2A Synchronous Buck Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4012BA1W33 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZSPM4012BA1W33 Datasheet HTML 7Page - Integrated Device Technology ZSPM4012BA1W33 Datasheet HTML 8Page - Integrated Device Technology ZSPM4012BA1W33 Datasheet HTML 9Page - Integrated Device Technology ZSPM4012BA1W33 Datasheet HTML 10Page - Integrated Device Technology ZSPM4012BA1W33 Datasheet HTML 11Page - Integrated Device Technology ZSPM4012BA1W33 Datasheet HTML 12Page - Integrated Device Technology ZSPM4012BA1W33 Datasheet HTML 13Page - Integrated Device Technology ZSPM4012BA1W33 Datasheet HTML 14Page - Integrated Device Technology ZSPM4012BA1W33 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ZSPM4012B Datasheet
© 2016 Integrated Device Technology, Inc.
11
January 27, 2016
Figure 2.13 Standby Current vs. Input Voltage
Figure 2.14 Standby Current vs. Temperature
Figure 2.15 Output Voltage vs. Temperature
Figure 2.16 Oscillator Frequency vs. Temperature
(Iout=300mA)
Figure 2.17 Quiescent Current vs. Temperature (No load)
Figure 2.18 Input Current vs. Temperature
(No load, No switching)


Similar Part No. - ZSPM4012BA1W33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012BA1W33 ETC2-ZSPM4012BA1W33 Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012BA1W33 RENESAS-ZSPM4012BA1W33 Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results

Similar Description - ZSPM4012BA1W33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
BCD Semiconductor Manuf...
AP3408 BCDSEMI-AP3408 Datasheet
385Kb / 12P
   2A, 4MHz High Efficiency Synchronous Buck Converter
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
   2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
   High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com