Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96F683RBPMC-GSE1 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # MB96F683RBPMC-GSE1
Description  F2MC-16FX CPU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F683RBPMC-GSE1 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button MB96F683RBPMC-GSE1 Datasheet HTML 5Page - Cypress Semiconductor MB96F683RBPMC-GSE1 Datasheet HTML 6Page - Cypress Semiconductor MB96F683RBPMC-GSE1 Datasheet HTML 7Page - Cypress Semiconductor MB96F683RBPMC-GSE1 Datasheet HTML 8Page - Cypress Semiconductor MB96F683RBPMC-GSE1 Datasheet HTML 9Page - Cypress Semiconductor MB96F683RBPMC-GSE1 Datasheet HTML 10Page - Cypress Semiconductor MB96F683RBPMC-GSE1 Datasheet HTML 11Page - Cypress Semiconductor MB96F683RBPMC-GSE1 Datasheet HTML 12Page - Cypress Semiconductor MB96F683RBPMC-GSE1 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
Document Number: 002-04705 Rev.*A
Page 9 of 68
MB96680 Series
4. Pin Description
Pin name
Feature
Description
ADTG
ADC
A/D converter trigger input pin
ANn
ADC
A/D converter channel n input pin
AVcc
Supply
Analog circuits power supply pin
AVRH
ADC
A/D converter high reference voltage input pin
AVss
Supply
Analog circuits power supply pin
C
Voltage regulator
Internally regulated power supply stabilization capacitor pin
CKOTn
Clock Output function
Clock Output function n output pin
CKOTn_R
Clock Output function
Relocated Clock Output function n output pin
CKOTXn
Clock Output function
Clock Output function n inverted output pin
COMn
LCD
LCD Common driver pin
DEBUG I/F
OCD
On Chip Debugger input/output pin
DVcc
Supply
SMC pins power supply
DVss
Supply
SMC pins power supply
FRCKn
Free-Running Timer
Free-Running Timer n input pin
FRCKn_R
Free-Running Timer
Relocated Free-Running Timer n input pin
INn
ICU
Input Capture Unit n input pin
INn_R
ICU
Relocated Input Capture Unit n input pin
INTn
External Interrupt
External Interrupt n input pin
INTn_R
External Interrupt
Relocated External Interrupt n input pin
MD
Core
Input pin for specifying the operating mode
NMI
External Interrupt
Non-Maskable Interrupt input pin
Pnn_m
GPIO
General purpose I/O pin
PPGn
PPG
Programmable Pulse Generator n output pin (16bit/8bit)
PPGn_R
PPG
Relocated Programmable Pulse Generator n output pin (16bit/8bit)
PPGn_B
PPG
Programmable Pulse Generator n output pin (16bit/8bit)
PWMn
SMC
SMC PWM high current output pin
RSTX
Core
Reset input pin
RXn
CAN
CAN interface n RX input pin
SCKn
USART
USART n serial clock input/output pin
SCLn
I
2C
I
2C interface n clock I/O input/output pin
SDAn
I
2C
I
2C interface n serial data I/O input/output pin
SEGn
LCD
LCD Segment driver pin
SGAn
Sound Generator
Sound Generator amplitude output pin
SGOn
Sound Generator
Sound Generator sound/tone output pin
SINn
USART
USART n serial data input pin
SOTn
USART
USART n serial data output pin
TINn
Reload Timer
Reload Timer n event input pin
TINn_R
Reload Timer
Relocated Reload Timer n event input pin
TOTn
Reload Timer
Reload Timer n output pin
TOTn_R
Reload Timer
Relocated Reload Timer n output pin


Similar Part No. - MB96F683RBPMC-GSE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB96F612ABPMC-GS-UJE1 CYPRESS-MB96F612ABPMC-GS-UJE1 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GS-UJE2 CYPRESS-MB96F612ABPMC-GS-UJE2 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GSE1 CYPRESS-MB96F612ABPMC-GSE1 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GSE2 CYPRESS-MB96F612ABPMC-GSE2 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GTE1 CYPRESS-MB96F612ABPMC-GTE1 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
More results

Similar Description - MB96F683RBPMC-GSE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB966C0 CYPRESS-MB966C0 Datasheet
657Kb / 71P
   F2MC-16FX 16-bit Microcontroller
MB96320 CYPRESS-MB96320 Datasheet
2Mb / 94P
   F2MC-16FX, 16-bit Microcontroller
MB966B0 CYPRESS-MB966B0 Datasheet
1Mb / 74P
   F2MC-16FX 16-Bit Microcontroller
MB96640 CYPRESS-MB96640 Datasheet
1Mb / 65P
   F2MC-16FX 16-Bit Microcontroller
MB96670 CYPRESS-MB96670 Datasheet
1Mb / 68P
   F2MC-16FX 16-Bit Microcontroller
MB96610 CYPRESS-MB96610 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96380 CYPRESS-MB96380 Datasheet
9Mb / 117P
   F2MC-16FX 16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com