Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6BP401AE0SN1B000 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # S6BP401AE0SN1B000
Description  Quad Buck DC/DC Converter (DD1 to DD4)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6BP401AE0SN1B000 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button S6BP401AE0SN1B000 Datasheet HTML 5Page - Cypress Semiconductor S6BP401AE0SN1B000 Datasheet HTML 6Page - Cypress Semiconductor S6BP401AE0SN1B000 Datasheet HTML 7Page - Cypress Semiconductor S6BP401AE0SN1B000 Datasheet HTML 8Page - Cypress Semiconductor S6BP401AE0SN1B000 Datasheet HTML 9Page - Cypress Semiconductor S6BP401AE0SN1B000 Datasheet HTML 10Page - Cypress Semiconductor S6BP401AE0SN1B000 Datasheet HTML 11Page - Cypress Semiconductor S6BP401AE0SN1B000 Datasheet HTML 12Page - Cypress Semiconductor S6BP401AE0SN1B000 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Document Number: 002-03341 Rev.*C
Page 9 of 38
S6BP401A
EN1
EN2
EN3
EN4
ENL1
ENL2
SYNC
VCC
VREG
GND
PG1
PG2
PG3
PG4
RST
Control
Logic
pg1
pg2
pg3
pg4
Watchdog
Timer
pgl1
Oscillator
with Synchronization
clk
Thermal
Shutdown
Under Voltage
Lockout
clk
en1
en2
en3
en4
enl1
enl2
Soft-Start
Control
ss1
ss2
ss3
ss4
ssl1
enl2
Linear
Regulator
VCC
VCC
<< Main Control >>
<< Power Good monitor Output >>
<< Watchdog Timer >>
WDI
clk
Power Good
Monitor
PVCCL1
Low Priority
Voltage
Reference
Power Good
Monitor
LDO1
<< LDO1 >>
Discharge
enl1
ssl1
pgl1
PVCCL2
Low Priority
Voltage
Reference
Power Good
Monitor
LDO2
<< LDO2 >>
Discharge
enl2
ssl2
pgl2
PGL2
pgl2


Similar Part No. - S6BP401AE0SN1B000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A1AST2B00A CYPRESS-S6BP201A1AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A2AST2B00A CYPRESS-S6BP201A2AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A3AST2B00A CYPRESS-S6BP201A3AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A4AST2B00A CYPRESS-S6BP201A4AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
More results

Similar Description - S6BP401AE0SN1B000

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
XL7016 ETC2-XL7016 Datasheet
204Kb / 9P
   0.5A 150KHz 100V Buck DC to DC Converter
logo
XLSEMI
XL7056 XLSEMI-XL7056 Datasheet
241Kb / 11P
   2.1A 100KHz 90V Buck DC to DC Converter
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com