Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6BP401AE1SN1B000 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # S6BP401AE1SN1B000
Description  Quad Buck DC/DC Converter (DD1 to DD4)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6BP401AE1SN1B000 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button S6BP401AE1SN1B000 Datasheet HTML 4Page - Cypress Semiconductor S6BP401AE1SN1B000 Datasheet HTML 5Page - Cypress Semiconductor S6BP401AE1SN1B000 Datasheet HTML 6Page - Cypress Semiconductor S6BP401AE1SN1B000 Datasheet HTML 7Page - Cypress Semiconductor S6BP401AE1SN1B000 Datasheet HTML 8Page - Cypress Semiconductor S6BP401AE1SN1B000 Datasheet HTML 9Page - Cypress Semiconductor S6BP401AE1SN1B000 Datasheet HTML 10Page - Cypress Semiconductor S6BP401AE1SN1B000 Datasheet HTML 11Page - Cypress Semiconductor S6BP401AE1SN1B000 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Document Number: 002-03341 Rev.*C
Page 8 of 38
S6BP401A
5. Architecture Block Diagram
Figure 5-1 Architechture Block Diagram
Error
Amplifier
Slope
Compensation
PWM
Logic
Control
PWM
Comparator
Current
Sense
Anti-
Shoot
Through
Low Priority
en1
Voltage
Reference
Power Good
Monitor
Peak Current
Comparator
FB1
PVCC1
LX1
PGND1
<< DD1 >>
PGND2
PVCC2
LX2
Discharge
ss1
clk
pg1
Error
Amplifier
Slope
Compensation
PWM
Logic
Control
PWM
Comparator
Current
Sense
Anti-
Shoot
Through
Low Priority
en2
Voltage
Reference
Power Good
Monitor
Peak Current
Comparator
FB2
PVCC2
LX2
PGND2
<< DD2 >>
Discharge
ss2
clk
pg2
Error
Amplifier
Slope
Compensation
PWM
Logic
Control
PWM
Comparator
Current
Sense
Anti-
Shoot
Through
Low Priority
en3
Voltage
Reference
Power Good
Monitor
Peak Current
Comparator
FB3
PVCC3
LX3
PGND3
<< DD3 >>
Discharge
ss3
clk
pg3
Error
Amplifier
Slope
Compensation
PWM
Logic
Control
PWM
Comparator
Current
Sense
Anti-
Shoot
Through
Low Priority
en4
Voltage
Reference
Power Good
Monitor
Peak Current
Comparator
FB4
PVCC4
LX4
PGND4
<< DD4 >>
Discharge
ss4
clk
pg4


Similar Part No. - S6BP401AE1SN1B000

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6BP201A CYPRESS-S6BP201A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A1AST2B00A CYPRESS-S6BP201A1AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A2AST2B00A CYPRESS-S6BP201A2AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A3AST2B00A CYPRESS-S6BP201A3AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
S6BP201A4AST2B00A CYPRESS-S6BP201A4AST2B00A Datasheet
1Mb / 20P
   ASSP, 42V, 1A, Synchronous Buck-boostDC/DC Converter IC
More results

Similar Description - S6BP401AE1SN1B000

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
XL7016 ETC2-XL7016 Datasheet
204Kb / 9P
   0.5A 150KHz 100V Buck DC to DC Converter
logo
XLSEMI
XL7056 XLSEMI-XL7056 Datasheet
241Kb / 11P
   2.1A 100KHz 90V Buck DC to DC Converter
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
   2A 380KHz 18V Buck DC to DC Converter
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
   3A 380KHz 23V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com