Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96F653ABPMC-GSE2 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB96F653ABPMC-GSE2
Description  F2MC-16FX CPU
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96F653ABPMC-GSE2 Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB96F653ABPMC-GSE2 Datasheet HTML 1Page - Cypress Semiconductor MB96F653ABPMC-GSE2 Datasheet HTML 2Page - Cypress Semiconductor MB96F653ABPMC-GSE2 Datasheet HTML 3Page - Cypress Semiconductor MB96F653ABPMC-GSE2 Datasheet HTML 4Page - Cypress Semiconductor MB96F653ABPMC-GSE2 Datasheet HTML 5Page - Cypress Semiconductor MB96F653ABPMC-GSE2 Datasheet HTML 6Page - Cypress Semiconductor MB96F653ABPMC-GSE2 Datasheet HTML 7Page - Cypress Semiconductor MB96F653ABPMC-GSE2 Datasheet HTML 8Page - Cypress Semiconductor MB96F653ABPMC-GSE2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
Document Number: 002-04707 Rev.*A
Page 2 of 65
MB96650 Series
Special synchronous options for adapting to different
synchronous serial protocols
LIN functionality working either as master or slave LIN device
Extended support for LIN-Protocol to reduce interrupt load
I
2C
Up to 400kbps
Master and Slave functionality, 7-bit and 10-bit addressing
A/D converter
SAR-type
8/10-bit resolution
Signals interrupt on conversion end, single conversion mode,
continuous conversion mode,
stop conversion mode, activation by software, external
trigger, reload timers and PPGs
Range Comparator Function
Scan Disable Function
Source Clock Timers
Three independent clock timers (23-bit RC clock timer, 23-bit
Main clock timer, 17-bit Sub clock timer)
Hardware Watchdog Timer
Hardware watchdog timer is active after reset
Window function of Watchdog Timer is used to select the
lower window limit of the watchdog interval
Reload Timers
16-bit wide
Prescaler with 1/21, 1/22, 1/23, 1/24, 1/25, 1/26 of peripheral
clock frequency
Event count function
Free-Running Timers
Signals an interrupt on overflow, supports timer clear upon
match with Output Compare (0, 4)
Prescaler with 1, 1/21, 1/22, 1/23, 1/24, 1/25, 1/26, 1/27, 1/28 of
peripheral clock frequency
Input Capture Units
16-bit wide
Signals an interrupt upon external event
Rising edge, Falling edge or Both (rising & falling) edges
sensitive
Output Compare Units
16-bit wide
Signals an interrupt when a match with Free-running Timer
occurs
A pair of compare registers can be used to generate an
output signal
Programmable Pulse Generator
16-bit down counter, cycle and duty setting registers
Can be used as 2  8-bit PPG
Interrupt at trigger, counter borrow and/or duty match
PWM operation and one-shot operation
Internal prescaler allows 1, 1/4, 1/16, 1/64 of peripheral clock
as counter clock or of selected Reload timer underflow as
clock input
Can be triggered by software or reload timer
Can trigger ADC conversion
Timing point capture
Start delay
Quadrature Position/Revolution Counter (QPRC)
Up/down count mode, Phase difference count mode, Count
mode with direction
16-bit position counter
16-bit revolution counter
Two 16-bit compare registers with interrupt
Detection edge of the three external event input pins AIN,
BIN and ZIN is configurable
Real Time Clock
Operational on main oscillation (4MHz), sub oscillation
(32kHz) or RC oscillation (100kHz/2MHz)
Capable to correct oscillation deviation of Sub clock or RC
oscillator clock (clock calibration)
Read/write accessible second/minute/hour registers
Can signal interrupts every half
second/second/minute/hour/day
Internal clock divider and prescaler provide exact 1s clock
External Interrupts
Edge or Level sensitive
Interrupt mask bit per channel
Each available CAN channel RX has an external interrupt for
wake-up
Selected USART channels SIN have an external interrupt for
wake-up
Non Maskable Interrupt
Disabled after reset, can be enabled by Boot-ROM
depending on ROM configuration block


Similar Part No. - MB96F653ABPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB96F612ABPMC-GS-UJE1 CYPRESS-MB96F612ABPMC-GS-UJE1 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GS-UJE2 CYPRESS-MB96F612ABPMC-GS-UJE2 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GSE1 CYPRESS-MB96F612ABPMC-GSE1 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GSE2 CYPRESS-MB96F612ABPMC-GSE2 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96F612ABPMC-GTE1 CYPRESS-MB96F612ABPMC-GTE1 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
More results

Similar Description - MB96F653ABPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
   F2MC-16FX CPU
MB966C0 CYPRESS-MB966C0 Datasheet
657Kb / 71P
   F2MC-16FX 16-bit Microcontroller
MB96320 CYPRESS-MB96320 Datasheet
2Mb / 94P
   F2MC-16FX, 16-bit Microcontroller
MB966B0 CYPRESS-MB966B0 Datasheet
1Mb / 74P
   F2MC-16FX 16-Bit Microcontroller
MB96640 CYPRESS-MB96640 Datasheet
1Mb / 65P
   F2MC-16FX 16-Bit Microcontroller
MB96670 CYPRESS-MB96670 Datasheet
1Mb / 68P
   F2MC-16FX 16-Bit Microcontroller
MB96610 CYPRESS-MB96610 Datasheet
1Mb / 63P
   F2MC-16FX,16-bit Proprietary Microcontroller
MB96380 CYPRESS-MB96380 Datasheet
9Mb / 117P
   F2MC-16FX 16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com