Electronic Components Datasheet Search |
|
M61532FP Datasheet(PDF) 1 Page - Hitachi Semiconductor |
|
M61532FP Datasheet(HTML) 1 Page - Hitachi Semiconductor |
1 / 15 page Rev.1.0, Sep.19.2003, page 1 of 14 M61532FP 8ch Electronic Volume with 9 Input Selector REJ03F0041-0100Z Rev.1.0 Sep.19.2003 Feature FUNCTION FEATURE Electric Volume 8channel independent Electric Volume with High Voltage Transistor. (0~-99.0dB/0.5dBstep,- ∞dB) Twin Input Selector Front L/R channel has twin 9 Input Selector.(Main & Sub) Multi Channel Input Selector Every channel has 2 Input Selector and Input Gain Control Input Gain Control Input Gain Control (0/+6/+12/+18dB) REC Output 2 Lines REC Output (Both L and R channels) Output Gain Control Output Gain Control (0/+6/+12/+18dB) Output for ADC Built-in Single-end output (for ADC) Input ATT Input ATT (for ADC:0/-6/-12/-18dB) Application Receiver,AV Amp,Mini Stereo etc. Recommended Operating Condition Supply Voltage Range AVCC=7.0V(typ) , AVEE=-7.0V(typ) , DVDD=2.7~5.5V System Block Diagram MCU I/F Lout REC OUTL Rout SBLout GND Input ATT (for ADC) Output Gain Control Output Gain Control Output Gain Control Multi FRin Multi FLin REC OUTR Multi SBLin SBRout Output Gain Control Cout Output Gain Control SRout Output Gain Control Input ATT (for ADC) SUB OUTL Lch 1 2 3 4 5 6 Rch 1 2 3 4 5 6 SUB OUTR SLout Output Gain Control SWRout Output Gain Control Multi SBRin Multi Cin Multi SRin Multi SLin Multi SWin 7 DVDD DGND ADOUTL ADOUTR AVCC AVEE 8 8 7 9 9 |
Similar Part No. - M61532FP |
|
Similar Description - M61532FP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |