Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4530-1ARZ-RL Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4530-1ARZ-RL
Description  Femtoampere Input Bias Current Electrometer Amplifier
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-RL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4530-1ARZ-RL Datasheet HTML 6Page - Analog Devices ADA4530-1ARZ-RL Datasheet HTML 7Page - Analog Devices ADA4530-1ARZ-RL Datasheet HTML 8Page - Analog Devices ADA4530-1ARZ-RL Datasheet HTML 9Page - Analog Devices ADA4530-1ARZ-RL Datasheet HTML 10Page - Analog Devices ADA4530-1ARZ-RL Datasheet HTML 11Page - Analog Devices ADA4530-1ARZ-RL Datasheet HTML 12Page - Analog Devices ADA4530-1ARZ-RL Datasheet HTML 13Page - Analog Devices ADA4530-1ARZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Data Sheet
ADA4530-1
Rev. A | Page 9 of 50
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
17 V
Input Voltage
(V−) − 0.3 V to (V+) + 0.3 V
Input Current1
10 mA
Differential Input Voltage
±0.7 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
ESD
Human Body Model2
4 kV
Field Induced Charged Device
Model (FICDM)3
1.25 kV
1 The input pins have clamp diodes to the power supply pins. Limit the input
current to 10 mA or less whenever input signals exceed the power supply
rail by 0.3 V.
2 Applicable Standard ESDA/JEDEC JS-001-2012.
3 Applicable Standard JESD22-C101-E (ESD FICDM standard of JEDEC).
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages using a
standard 4-layer JEDEC board.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC
122
41
°C/W
ESD CAUTION


Similar Part No. - ADA4530-1ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4530-1R-EBZ AD-ADA4530-1R-EBZ Datasheet
612Kb / 14P
   Easy modifications to other standard configurations
More results

Similar Description - ADA4530-1ARZ-RL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7721 NSC-LMP7721 Datasheet
600Kb / 16P
   3 Femtoampere Input Bias Current Precision Amplifier
logo
Texas Instruments
LMP7721 TI-LMP7721_15 Datasheet
980Kb / 32P
[Old version datasheet]   3-Femtoampere Input Bias Current Precision Amplifier
logo
Analog Devices
AD549 AD-AD549 Datasheet
418Kb / 12P
   Ultralow Input Bias Current Operational Amplifier
REV. A
AD549 AD-AD549_08 Datasheet
1Mb / 20P
   Ultralow Input Bias Current Operational Amplifier
Rev. H
AD549 AD-AD549_17 Datasheet
1Mb / 19P
   Ultralow Input Bias Current Operational Amplifier
logo
STMicroelectronics
AN4587 STMICROELECTRONICS-AN4587 Datasheet
6Mb / 14P
   Input bias current of a chopper amplifier
logo
Texas Instruments
INA116 TI1-INA116 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA116 BURR-BROWN-INA116 Datasheet
246Kb / 9P
   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
OPA928 TI-OPA928 Datasheet
1Mb / 24P
[Old version datasheet]   OPA928 16-V, Femtoampere Input Bias, Precision, Rail-to-Rail Input/Output, e-trim™ Operational Amplifier
MARCH 2023
logo
List of Unclassifed Man...
HT1104Z ETC1-HT1104Z Datasheet
27Kb / 2P
   HIGH TEMPERATURE QUAD ULTRALOW INPUT BIAS CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com