Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB-N-S212 Datasheet(PDF) 3 Page - ETAL Group

Part # PDB-N-S212
Description  Modular Economy Power-D-Box
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

PDB-N-S212 Datasheet(HTML) 3 Page - ETAL Group

  PDB-N-S212 Datasheet HTML 1Page - ETAL Group PDB-N-S212 Datasheet HTML 2Page - ETAL Group PDB-N-S212 Datasheet HTML 3Page - ETAL Group PDB-N-S212 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.e-t-a.de
3
Modular Economy Power-D-Box®
1646
6
Modular Economy Power-D-Box®
Schematic diagram PDB-N-SZ
Dimensions PDB-N-SZ
431
482.6 (19”)
465
power distribution system X8340-SZ4
16.97
18.31
Accessories
Module with power
supply left-side
(L) –
(N) +
terminal for signalisation
(L) –(N) +
1
C
2
I >
NC
NO
(L) –(N) +
(L) –(N) +
(L) –(N) +
(L) –
(N) +
(L) –(N) +
(L) –
(N) +
(L) –
(N) +
1
C
2
I >
NC
NO
(N) +
(L) –
Module with power
supply right -side
(N) +
(L) –
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications wit-
hout notice is reserved. Product markings may not be exactly as the ordering codes. Errors
and omissions excepted.
19
Blanking piece for Power-D-Box
(circuit breaker types 8340, 8345)
Y 308 563 11
Load output terminal protected against reverse polarity
(set: 4 moulded sleeves, 8 blade terminals 6.3 x 0.8 mm)
X 222 847 01 for cable cross section 0.7...2.0 mm2
X 222 625 01 for cable cross section 2.5...4.0 mm2
X 222 848 01 for cable cross section 4.0...6.0 mm2
.748
18.15
.714
For removing the blanking piece:
push in the screwdriver as shown below
Withdrawal tool
(circuit breaker types 8340-F)
X 222 547 11


Similar Part No. - PDB-N-S212

ManufacturerPart #DatasheetDescription
logo
ETAL Group
PDB-N-CP09-FF ETAL-PDB-N-CP09-FF Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDB-N-CP09-RF ETAL-PDB-N-CP09-RF Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDB-N-CP09-RR ETAL-PDB-N-CP09-RR Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDB-N-CP18-RR ETAL-PDB-N-CP18-RR Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDB-N-CP19-RR ETAL-PDB-N-CP19-RR Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
More results

Similar Description - PDB-N-S212

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP312E STI-CMCP312E Datasheet
540Kb / 1P
   CMCP312E Economy BNC Switch Box
logo
Molex Electronics Ltd.
1301160033 MOLEX11-1301160033 Datasheet
31Kb / 1P
   Economy Box Track Flat Cable, Universal Support Bracket
1301160027 MOLEX11-1301160027 Datasheet
34Kb / 1P
   Economy Box Track Flat Cable, Festoon Hanger Bracket
1301160026 MOLEX11-1301160026 Datasheet
28Kb / 1P
   Economy Box Track Flat Cable, Festoon End Stop
logo
ETAL Group
PDB-P-L-2216 ETAL-PDB-P-L-2216 Datasheet
733Kb / 6P
   Power-D-Box
logo
Molex Electronics Ltd.
1301160028 MOLEX11-1301160028 Datasheet
34Kb / 1P
   Economy Box Track Flat Cable, Festoon Hanging Clip
1301160031 MOLEX11-1301160031 Datasheet
32Kb / 1P
   Economy Box Track Flat Cable, Festoon Pendant Car
logo
Assmann Electronics Inc...
A-RJ45-BOX-1 ASSMANN-A-RJ45-BOX-1 Datasheet
107Kb / 1P
   Waterproof Modular Adapter box
logo
Molex Electronics Ltd.
1301160037 MOLEX11-1301160037 Datasheet
30Kb / 1P
   Economy Box Track Flat Cable, Festoon Intermediate Car - 100.08mm
1301160039 MOLEX11-1301160039 Datasheet
30Kb / 1P
   Economy Box Track Flat Cable, Festoon Intermediate Car - 120.00mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com