Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REJ03F0052_M54679SP Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # REJ03F0052_M54679SP
Description  2-Phase Stepper Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

REJ03F0052_M54679SP Datasheet(HTML) 2 Page - Hitachi Semiconductor

  REJ03F0052_M54679SP Datasheet HTML 1Page - Hitachi Semiconductor REJ03F0052_M54679SP Datasheet HTML 2Page - Hitachi Semiconductor REJ03F0052_M54679SP Datasheet HTML 3Page - Hitachi Semiconductor REJ03F0052_M54679SP Datasheet HTML 4Page - Hitachi Semiconductor REJ03F0052_M54679SP Datasheet HTML 5Page - Hitachi Semiconductor REJ03F0052_M54679SP Datasheet HTML 6Page - Hitachi Semiconductor REJ03F0052_M54679SP Datasheet HTML 7Page - Hitachi Semiconductor REJ03F0052_M54679SP Datasheet HTML 8Page - Hitachi Semiconductor REJ03F0052_M54679SP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M54679SP
Rev.1.0, Sep.17.2003, page 2 of 11
Pin Configuration (Top View)
32 Shrink-DIP (32P4B)
Ph1A
Ph1B
Vref
Vcc
S1
Rs1
Out1B
Out1A
P.GND
GND
Vm1
I1(1)
I0(1)
Stby
Regout
Ph2A
Ph2B
GND
I1(2)
I0(2)
Fref
Vm2
S2
Rs2
Out2A
Out2B
N.C
NC
1
2
3
4
5
6
7
10
11
12
13
14
15
16
8
9
20
21
22
23
26
27
28
29
30
31
32
17
18
19
24
25
Pin Functions
Symbol
Terminal
Function
Vm1, Vm2
Motor supply voltage
Power supply for motor driver.
Out1A, Out1B, Out2A,
Out2B,
Output terminals
Motor drive output terminals.
Rs1, Rs2
Current sensor
Output current sensing resistor (Rs) connection terminals.
Vcc
Power supply
Control circuit power supply.
Ph1A, Ph1B, Ph2A,
Ph2B
Phase input
Output current direction switch terminals.
I0(1), I1(1), I0(2), I1(2),
Output current change
Output current change (100%, 70%, 31%, 0%) terminals.
Stby
Standby input
Standby input (L: standby, H or Open: motor function) terminal.
S1, S2
Sense inputs
Input voltage terminal of comparators.
Vref
Vref input
Reference voltage due to setting output current.
Regout
Output of voltage stabilizer
Output of voltage stabilizer (Vout = 3.5 V).
Fref
A capacitor for oscillator
A capacitor due to PWM carrier frequency.
P.GND
Power GND
The GND terminal of bottom side flywheel diodes.


Similar Part No. - REJ03F0052_M54679SP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
REJ03F0057_M61520FP ETC-REJ03F0057_M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Hitachi Semiconductor
REJ03F0059_M61533FP HITACHI-REJ03F0059_M61533FP Datasheet
374Kb / 13P
   4ch Electronic Volume with AGC
More results

Similar Description - REJ03F0052_M54679SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com