Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB-N-D12-RF Datasheet(PDF) 1 Page - ETAL Group

Part # PDB-N-D12-RF
Description  Plug-in type circuit breakers, 8345-.01.-W0, extendable in service, with or without auxiliary contact, load per way 0.1??25 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

PDB-N-D12-RF Datasheet(HTML) 1 Page - ETAL Group

  PDB-N-D12-RF Datasheet HTML 1Page - ETAL Group PDB-N-D12-RF Datasheet HTML 2Page - ETAL Group PDB-N-D12-RF Datasheet HTML 3Page - ETAL Group PDB-N-D12-RF Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-t-a.de
1
Modular High Power-D-Box®
1630
6
Description
Features
Technical data
The
Power-D-Box® is a compact 2U power distribution system made
of aluminium in an enclosure with anodised front plate. Protection of
the loads is by means of hydraulic-magnetic circuit breakers.
l
Plug-in type circuit breakers, 8345-.01.-W0, extendable in
service, with or without auxiliary contact, load per way
0.1…125 A
l
Extremely compact design (installation depth 310 mm)
l
Standard redundant design (2 x 3, 2 x 4, 2 x 6)
l
Group signalling for redundant line entry A and/or B is standard
l
To be used with industrially manufactured power distribution
modules (X8345-D01), protected against brush contact
l
Labelling strips for individual marking
l
Blank covers (bulk shipped)
l
isolated cable clamp rail (X 223 260 01) optional as accessory
l
Integral jumper ground to plus pole (freely configurable by the
customer as an option)
l
Other versions are available upon request (e.g. with series fuse,
separate circuits, non-redundant circuits, customer-specific
marking, protected plus pole etc.)
High Power-D-Box®
19“
Power-D-Box®
length
84 modules (426.72 mm)
height
2 U (88.90 mm)
material: aluminium
Plug-in type circuit breakers 8345-.01A-W0..-DB1B2B-..
with and without auxiliary contact module
X8345-S01KW102-M
Rated voltage
DC 48 V, DC 65 V, DC 80 V
(other voltage ratings upon request)
Load
125 A per plug-in unit (when using
circuit breakers rated 80 A plus,
total load of the neighbouring
slots must not exceed 160 A)
Total current per supply
232 A total current at
ambient temperature -30...60 °C
(-22 °F...140 °F)
UL/CSA: 230 A total current at
ambient temperature -30...+50 °C
Fire resistance
(IEC 60695, part 2-2)
self-extinguishing
Terminal design*
Supply feed
35...95 mm2, flexible,
screw-type terminal 25...95 mm2
with wire end ferrule
Loads
1.5...35 mm2, flexible,
screw-type terminal 1.5...35 mm2
with wire end ferrule
Signalling
screw-type terminal 1.5 mm2
Ground
bolt (M8)
Weight
approx. 7.5 Kg
Conformity
CE to EN60950-1
*(detailed values on page 4)
Ordering information
PDB Standard Power-D-Box® 19“ with interchangeable ETSI flange - 19“
Protected pole
N negative pole protected
Module
D
X8345-D01*
xx Number of ways (total)
Main terminals
R on the rear
Load terminals
R on the rear
F on the front
PDB -
N - D 08
- R F ordering example
*technical data on www.e-t-a.de
High Power-D-Box®:
PDB - N - D 06 - RF: load current max. 65 A with 2 x 3 ways
PDB - N - D 06 - RR: load current max. 125 A with 2 x 3 ways
PDB - N - D 08 - RF: load current max. 65 A with 2 x 4 ways
PDB - N - D 08 - RR: load current max. 125 A with 2 x 4 ways
PDB - N - D 10 - RF: load current max. 65 A with 2 x 5 ways
PDB - N - D 10 - RR: load current max. 85 A with 2 x 5 ways
PDB - N - D 12 - RF: load current max. 65 A with 2 x 6 ways
PDB - N - D 12 - RR: load current max. 85 A with 2 x 6 ways
PDB - N - D 16 - RR: load current max. 6 x 85 A + 10 x 30 A
with 2 x 8 ways
Preferred types
Approvals
Authority
Standard
Rated voltage
Current ratings
UL
UL60950-1
max. DC 80 V
max. 125 A*
per channel
CSA
C22.2 No
60950-1-07
max. DC 80 V
max. 125 A*
per channel
* depending on type, see preferred types
max. total current of neighbouring channels 160A


Similar Part No. - PDB-N-D12-RF

ManufacturerPart #DatasheetDescription
logo
ETAL Group
PDB-N-CP09-FF ETAL-PDB-N-CP09-FF Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDB-N-CP09-RF ETAL-PDB-N-CP09-RF Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDB-N-CP09-RR ETAL-PDB-N-CP09-RR Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDB-N-CP18-RR ETAL-PDB-N-CP18-RR Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDB-N-CP19-RR ETAL-PDB-N-CP19-RR Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
More results

Similar Description - PDB-N-D12-RF

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LV485500 SCHNEIDER-LV485500 Datasheet
89Kb / 2P
   Service interface kit, Pact series circuit breakers
logo
Pasternack Enterprises,...
PE45353 PASTERNACK-PE45353 Datasheet
386Kb / 3P
   BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Auxiliary Contact
logo
List of Unclassifed Man...
516-038-500-212 ETC2-516-038-500-212 Datasheet
1Mb / 6P
   Plug&Receptacle in 20.38,56,90 or 120 contact sizes
logo
CSB Battery Co., Ltd.
GPL12400 CSB-BATTERY-GPL12400 Datasheet
741Kb / 2P
   A general purpose battery up to 10 years in standby service or more than 260 cycles at 100% discharge in cycle service.
XTV121000 CSB-BATTERY-XTV121000 Datasheet
737Kb / 2P
   A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service.
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
M/A-COM Technology Solu...
DS-318 MA-COM-DS-318 Datasheet
106Kb / 2P
   Plug-In Two-Way Power Divider
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
CSB Battery Co., Ltd.
XTV12550 CSB-BATTERY-XTV12550 Datasheet
1,021Kb / 2P
   A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service.
XTV12800 CSB-BATTERY-XTV12800 Datasheet
693Kb / 2P
   A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com