Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB-N-D12-RF Datasheet(PDF) 2 Page - ETAL Group

Part # PDB-N-D12-RF
Description  Plug-in type circuit breakers, 8345-.01.-W0, extendable in service, with or without auxiliary contact, load per way 0.1??25 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

PDB-N-D12-RF Datasheet(HTML) 2 Page - ETAL Group

  PDB-N-D12-RF Datasheet HTML 1Page - ETAL Group PDB-N-D12-RF Datasheet HTML 2Page - ETAL Group PDB-N-D12-RF Datasheet HTML 3Page - ETAL Group PDB-N-D12-RF Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-t-a.de
2
Modular High Power-D-Box®
1630
6
Line
LINE
ETA.8345-x01x-W0xx-xxxxxx-xxA
LOAD
LOAD
A1-
A1+
A2-
A2+
A3-
A3+
A4-
A4+
A5-
A5+
A6-
A6+
B1-
B1+
B2-
B2+
B3-
B3+
B4-
B4+
B5-
B5+
B6-
AC
ANC
BC
BNC
GND
GND
B-
B+
A+
NC
NC
LOAD
NC
LOAD
NC
LOAD
NC
LOAD
NC
LOAD
NC
LOAD
NC
LOAD
NC
LOAD
NC
LOAD
NC
LOAD
NC
LOAD
NC
NO
C
LINE
C
C
Line
C
Line
C
Line
C
Line
C
Line
C
Line
C
Line
C
Line
C
Line
C
Line
C
Line
C
LINE
C
LINE
C
ETA.8345-x01x-W0xx-xxxxxx-xxA
LOAD
NC
NO
ETA.8345-x01x-W0xx-xxxxxx-xxA
LOAD
NC
NO
ETA.8345-x01x-W0xx-xxxxxx-xxA
LOAD
NC
NO
Schematic diagrams


Similar Part No. - PDB-N-D12-RF

ManufacturerPart #DatasheetDescription
logo
ETAL Group
PDB-N-CP09-FF ETAL-PDB-N-CP09-FF Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDB-N-CP09-RF ETAL-PDB-N-CP09-RF Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDB-N-CP09-RR ETAL-PDB-N-CP09-RR Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDB-N-CP18-RR ETAL-PDB-N-CP18-RR Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDB-N-CP19-RR ETAL-PDB-N-CP19-RR Datasheet
2Mb / 12P
   Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
More results

Similar Description - PDB-N-D12-RF

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LV485500 SCHNEIDER-LV485500 Datasheet
89Kb / 2P
   Service interface kit, Pact series circuit breakers
logo
Pasternack Enterprises,...
PE45353 PASTERNACK-PE45353 Datasheet
386Kb / 3P
   BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Auxiliary Contact
logo
List of Unclassifed Man...
516-038-500-212 ETC2-516-038-500-212 Datasheet
1Mb / 6P
   Plug&Receptacle in 20.38,56,90 or 120 contact sizes
logo
CSB Battery Co., Ltd.
GPL12400 CSB-BATTERY-GPL12400 Datasheet
741Kb / 2P
   A general purpose battery up to 10 years in standby service or more than 260 cycles at 100% discharge in cycle service.
XTV121000 CSB-BATTERY-XTV121000 Datasheet
737Kb / 2P
   A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service.
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
M/A-COM Technology Solu...
DS-318 MA-COM-DS-318 Datasheet
106Kb / 2P
   Plug-In Two-Way Power Divider
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
CSB Battery Co., Ltd.
XTV12550 CSB-BATTERY-XTV12550 Datasheet
1,021Kb / 2P
   A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service.
XTV12800 CSB-BATTERY-XTV12800 Datasheet
693Kb / 2P
   A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com