Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHU002N06 Datasheet(PDF) 2 Page - Rohm

Part # RHU002N06
Description  Switching (60V, 200mA)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RHU002N06 Datasheet(HTML) 2 Page - Rohm

  RHU002N06 Datasheet HTML 1Page - Rohm RHU002N06 Datasheet HTML 2Page - Rohm RHU002N06 Datasheet HTML 3Page - Rohm RHU002N06 Datasheet HTML 4Page - Rohm RHU002N06 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RHU002N06
Transistors
2/4
Electrical characteristics (Ta=25
°C)
Parameter
Test Conditions
VGS=0V
f=1MHz
VDS=10V
VGS=10V
ID=100mA, VDD 30V
RL=300
RGS=10
µA
pF
mS
Unit
V
µA
V
pF
pF
ns
ns
ns
ns
nC
nC
ID=200mA, VGS=10V
60
1
100
Min.
15
1.7
Typ.
8
4
6
5
12
95
0.3
0.6
±10
1
2.5
2.4
ID=200mA, VGS=4V
2.8
4.0
Max.
VDS=10V, ID=200mA
ID=10
µA, VGS=0V
VGS=±20V, VDS=0V
VDS=60V, VGS=0V
VDS=10V, ID=1mA
nC
ID=200mA
VGS=10V
2.2
4.4
∗2 Pulsed
∗1 PW≤300µs, Duty cycle≤1%
IGSS
IDSS
l Yfs l1
Ciss
Symbol
Coss
Crss
tr2
tf2
Qgd2
Qgs2
Qg2
V (BR) DSS
VGS (th)
RDS (on)1
td (on)2
td (off)2
VDD 30V
Gate leakage current
Drain-source breakdown voltage
Drain cutoff current
Gate threshold voltage
Drain-source on-state resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
Packaging specifications
RHU002N06
Type
T106
3000
Package
Code
Basic ordering unit (pieces)
Taping
Electrical characteristic curves
0.8
0.4
0.3
0.5
0.6
0.7
0.1
0.2
0.0
Fig.1 Typical Output Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
4.0
3.0
3.5
DRAIN-SOURCE VOLTAGE : VDS
(V)
VGS
=3V
10V
3.5V
8V
6V
4V
Ta
=25°C
Pulsed
0.01
0.1
1
1.0
0.5
0.0
1.5 2.0 2.5 3.0 3.5
4.5
4.0
Pulsed
VDS=
10V
Ta=
−25˚C
25˚C
75˚C
125˚C
0.001
GATE-SOURCE VOLTAGE : VGS
(V)
Fig.2 Typical Transfer Characteristics
Pulsed
VDS
=10V
ID
=1mA
2.5
150
−50 −25 0
1.0
1.5
2.0
0.5
0.0
50
75
100 125
25
CHANNEL TEMPERATURE : Tch
(
°C)
Fig.3 Gate Threshold Voltage
vs. Channel Temperature


Similar Part No. - RHU002N06

ManufacturerPart #DatasheetDescription
logo
Rohm
RHU002N06FRA ROHM-RHU002N06FRA Datasheet
1Mb / 6P
   4V Drive Nch MOSFET
More results

Similar Description - RHU002N06

ManufacturerPart #DatasheetDescription
logo
Rohm
SM6K2 ROHM-SM6K2 Datasheet
88Kb / 5P
   Switching (60V, 200mA)
logo
Microsemi Corporation
1N3600 MICROSEMI-1N3600 Datasheet
88Kb / 2P
   200mA Low Power, Switching
logo
SUNMATE electronic Co.,...
BAS16HT1G SUNMATE-BAS16HT1G Datasheet
315Kb / 2P
   200mA Surface Mount Switching Diode
logo
Taiwan Semiconductor Co...
BAV19WS-G TSC-BAV19WS-G Datasheet
162Kb / 4P
   200mA, 120V - 250V Switching Diodes
logo
SUNMATE electronic Co.,...
BAS16HT1 SUNMATE-BAS16HT1 Datasheet
304Kb / 2P
   200mA Surface Mount Switching Diode
logo
Rohm
2SK2731T146 ROHM-2SK2731T146 Datasheet
128Kb / 5P
   Interface and switching (30V, 200mA)
2SK2731 ROHM-2SK2731 Datasheet
112Kb / 4P
   Interface and switching (30V, 200mA)
logo
WILLAS ELECTRONIC CORP
MMDL914T1 WILLAS-MMDL914T1 Datasheet
690Kb / 5P
   200mA Speed Switching Diode-100V
logo
Rohm
RK7002A ROHM-RK7002A Datasheet
82Kb / 5P
   Switching (60V, 300mA)
logo
WILLAS ELECTRONIC CORP
MMDL914 WILLAS-MMDL914 Datasheet
313Kb / 3P
   200mA Surface Mount Switching Diode - 100V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com