Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLD78PZW4 Datasheet(PDF) 1 Page - Rohm

Part # RLD78PZW4
Description  AlGaAs laser diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RLD78PZW4 Datasheet(HTML) 1 Page - Rohm

  RLD78PZW4 Datasheet HTML 1Page - Rohm RLD78PZW4 Datasheet HTML 2Page - Rohm RLD78PZW4 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RLD78PZW4
Laser Diodes
1/2
AlGaAs laser diode
RLD78PZW4
The RLD78PZW4 is infrared laser diode high power output type (pulse 230mW). This is the best for optical disk drive use,
such as CD-R / RW.
!
!
!
!Applications
Max.
×52 speed CD-R / RW drives.
!
!
!
!Features
1) Absolute maximum optical power output : pulse 230mW
2) Wave length : Typ. 784nm
3)
φ5.6mm small packages
!
!
!
!External dimensions (Unit : mm)
+0
0.4
±0.1
3
−φ0.45
(2)
(1)
(3)
(3)
(1)
L.D.
(2)
−0.025
φ5.6
Glass window
Chip
90
°±2°
P
t
y
p
e
Equivalent circuit diagram
!
!
!
!Absolute maximum ratings (Tc=25
°C)
Parameter
Output
Raser
Operating temperature
Storage temperature
PO
VR
VR(PIN)
Tstg
Topr
Pulsed 230
Pulse condition : pulse 70nsec,
Duty50%
2
PIN photodiode
−10 to +75 (Pulsed)
−40 to +85
mW
V
Symbol
Limits
Unit
°C
°C
Reverse
voltage


Similar Part No. - RLD78PZW4

ManufacturerPart #DatasheetDescription
logo
Rohm
RLD78PZM7 ROHM-RLD78PZM7 Datasheet
1Mb / 9P
   780nm Invisible Single Mode Laser Diode
More results

Similar Description - RLD78PZW4

ManufacturerPart #DatasheetDescription
logo
Rohm
RLD78PPY4 ROHM-RLD78PPY4 Datasheet
120Kb / 3P
   AlGaAs laser diode
logo
Roithner LaserTechnik G...
QL78F6S-A ROITHNER-QL78F6S-A Datasheet
154Kb / 3P
   AlGaAs Laser Diode
logo
Rohm
RLD-78MD ROHM-RLD-78MD Datasheet
55Kb / 3P
   AlGaAs laser diode
logo
Sony Corporation
SLD104AU SONY-SLD104AU Datasheet
45Kb / 4P
   AlGaAs Laser Diode
logo
Roithner LaserTechnik G...
QL78D6S-A ROITHNER-QL78D6S-A Datasheet
211Kb / 3P
   AlGaAs Laser Diode
logo
Sony Corporation
SLD114VS SONY-SLD114VS Datasheet
94Kb / 6P
   Index-Guided AlGaAs Laser Diode
logo
Rohm
RLD78NZH2 ROHM-RLD78NZH2 Datasheet
89Kb / 3P
   AlGaAs laser diodes
RLD-78MAT1 ROHM-RLD-78MAT1 Datasheet
65Kb / 3P
   AlGaAs laser diodes
RLD-78NP10-B ROHM-RLD-78NP10-B Datasheet
64Kb / 3P
   AlGaAs laser diodes
RLD78NZH1 ROHM-RLD78NZH1 Datasheet
84Kb / 3P
   AlGaAs laser diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com