Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5020BCCZN Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5020BCCZN
Description  Microwave radios and very small aperture terminals
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5020BCCZN Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5020BCCZN Datasheet HTML 4Page - Analog Devices ADRF5020BCCZN Datasheet HTML 5Page - Analog Devices ADRF5020BCCZN Datasheet HTML 6Page - Analog Devices ADRF5020BCCZN Datasheet HTML 7Page - Analog Devices ADRF5020BCCZN Datasheet HTML 8Page - Analog Devices ADRF5020BCCZN Datasheet HTML 9Page - Analog Devices ADRF5020BCCZN Datasheet HTML 10Page - Analog Devices ADRF5020BCCZN Datasheet HTML 11Page - Analog Devices ADRF5020BCCZN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADRF5020
Data Sheet
Rev. A | Page 8 of 12
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT (IP3)
All large signal performance parameters were measured on the evaluation board.
32
10
12
14
16
18
20
22
24
26
30
28
FREQUENCY (GHz)
0
30
25
20
15
10
5
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 12. Input 0.1 dB Power Compression (P0.1dB) vs.
Frequency over Temperature
32
10
12
14
16
18
20
22
24
26
30
28
FREQUENCY (GHz)
0
30
25
20
15
10
5
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 13. Input 1 dB Power Compression (P1dB) vs. Frequency over
Temperature
60
20
25
30
35
40
45
50
55
FREQUENCY (GHz)
0
30
25
20
15
10
5
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 14. Input IP3 vs. Frequency over Temperature
32
10
12
14
16
18
20
22
24
26
28
30
FREQUENCY (Hz)
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
10k
1M
100M
100k
10M
1G
Figure 15. Input 0.1 dB Power Compression (P0.1dB) vs. Frequency over
Temperature (Low Frequency Detail)
32
10
12
14
16
18
20
22
24
26
28
30
FREQUENCY (Hz)
10k
1M
100M
100k
10M
1G
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 16. Input 1 dB Power Compression (P1dB) vs. Frequency over
Temperature (Low Frequency Detail)
60
20
25
30
35
40
45
50
55
FREQUENCY (Hz)
10k
1M
100M
100k
10M
1G
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
Figure 17. Input IP3 vs. Frequency over Temperature
(Low Frequency Detail)


Similar Part No. - ADRF5020BCCZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5021 AD-ADRF5021 Datasheet
356Kb / 12P
   Silicon SPDT Switch
ADRF5021-EVALZ AD-ADRF5021-EVALZ Datasheet
356Kb / 12P
   Silicon SPDT Switch
ADRF5021BCCZN AD-ADRF5021BCCZN Datasheet
356Kb / 12P
   Silicon SPDT Switch
ADRF5021BCCZN-R7 AD-ADRF5021BCCZN-R7 Datasheet
356Kb / 12P
   Silicon SPDT Switch
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
   Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
More results

Similar Description - ADRF5020BCCZN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1119 AD-HMC1119 Datasheet
611Kb / 16P
   Microwave radios and very small aperture terminals
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF Datasheet
75Kb / 2P
   Microwave Radios
logo
TEMEX
RHT1490A TEMEX-RHT1490A Datasheet
253Kb / 2P
   Low noise C?륱AN radios, Microwave links and Small Cells
logo
Micross Components
HMC337 MICROSS-HMC337 Datasheet
946Kb / 11P
   18 and 23 GHz Microwave Radios
HMC395 MICROSS-HMC395 Datasheet
820Kb / 9P
   Microwave & VSAT Radios
HMC142 MICROSS-HMC142 Datasheet
902Kb / 9P
   Microwave & MM W Radios
logo
Analog Devices
HMC1049LP5E AD-HMC1049LP5E Datasheet
834Kb / 10P
   High Linearity Microwave Radios
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
   Point to point microwave radios
logo
Micross Components
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
   Microwave Point-to-Point Radios
logo
NIHON DEMPA KOGYO
S3R0G3R0GA NDK-S3R0G3R0GA Datasheet
439Kb / 2P
   Local Oscillator for Microwave Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com