Electronic Components Datasheet Search |
|
AD83C151C-30 Datasheet(PDF) 10 Page - TEMIC Semiconductors |
|
AD83C151C-30 Datasheet(HTML) 10 Page - TEMIC Semiconductors |
10 / 24 page 80C154/83C154 Rev.F (14 Jan. 97) 10 MATRA MHS (MSB) (LSB) WDT T32 SERR IZC P3HZ P2HZ P1HZ ALF Symbol Position Name and Significance T32 IOCON.6 – If T32 = 1 and if C/T0 = 0, T1 and T0 are programmed as a 32 bit TIMER. – If T32 = 1 and if C/T0 = 1, T1 and T0 are programmed as a 32 bit COUNTER. WDT IOCON.7 – If WDT = 1 and according to the mode selected by TMOD, an 8 bit or 32 bit WATCHDOG is configured from TIMERS 0 and 1. 32 Bit Mode D T32 = 1 enables access to this mode. As shown in figure 11, this 32 bit mode consists in cascading TIMER 0 for the LSBs and TIMER 1 for the MSBs Figure 10.32 Bit Timer/counter. T32 = 1 starts the timer/counter and T32 = 0 stops it. It should be noted that as soon as T32 = 0. TIMERs 0 and 1 assume the configuration specified by register TMOD. Moreover, if TR0 = 1 or if TR1 = 1, the content of the TIMERs evolves. Consequently, in 32 bit mode, if the TIMER/COUNTER muste be stopped (T32 = 0), TR0 and TR1 must be set to 0. 32 Bit Timer D Figure 12 illustrates the 32 bit TIMER mode. Figure 11. 32 Bit Timer Configuration. D In this mode, T32 = 1 and C/T0 = 0, the 32 bit timer is incremented on each S3P1 state of each machine cycle. An overflow of TIMER 0 (TF0 has not been set to 1) increments TIMER 1 and the overflow of the 32 bit TIMER is signalled by setting TF1 (S5P1) to 1. D The following formula should be used to calculate the required frequency : f + OSC 12 65536 (T0, T1) |
Similar Part No. - AD83C151C-30 |
|
Similar Description - AD83C151C-30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |