Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC560CA3-0-BK-G Datasheet(PDF) 8 Page - Cystech Electonics Corp.

Part # BC560CA3-0-BK-G
Description  General Purpose PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BC560CA3-0-BK-G Datasheet(HTML) 8 Page - Cystech Electonics Corp.

  BC560CA3-0-BK-G Datasheet HTML 1Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 2Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 3Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 4Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 5Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 6Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 7Page - Cystech Electonics Corp. BC560CA3-0-BK-G Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CYStech Electronics Corp.
Issued Date : 2017.02.09
Revised Date :
Page No. : 8 / 8
Spec. No. : C306A3
BC560CA3
CYStek Product Specification
TO-92 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1704
0.1902
4.33
4.83
G
0.0142
0.0220
0.36
0.56
B
0.1704
0.1902
4.33
4.83
H
-
*
0.1000
-
*
2.54
C
0.5000
-
12.70
-
I
-
*
0.0500
-
*
1.27
D
0.0142
0.0220
0.36
0.56
α1
-
*
5
°
-
*
5
°
E
-
*
0.0500
-
*
1.27
α2
-
*
2
°
-
*
2
°
F
0.1323
0.1480
3.36
3.76
α3
-
*
2
°
-
*
2
°
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BC560C
□□
Marking:
3
1
A
D
B
C
I
α1
E
F
α2
2
α3
Date Code
G
H
Style: Pin 1.Collector 2.Base 3.Emitter
3-Lead TO-92 Plastic Package
CYStek Package Code: A3


Similar Part No. - BC560CA3-0-BK-G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC560C MOTOROLA-BC560C Datasheet
107Kb / 4P
   Low Noise Transistors
logo
ON Semiconductor
BC560C ONSEMI-BC560C Datasheet
84Kb / 4P
   Low Noise Transistors
1997
logo
Siemens Semiconductor G...
BC560C SIEMENS-BC560C Datasheet
213Kb / 6P
   PNP SILICON TRANSISTORS
logo
ON Semiconductor
BC560C ONSEMI-BC560C Datasheet
137Kb / 4P
   Low Noise Transistors
June, 2009 ??Rev. 3
logo
Continental Device Indi...
BC560C CDIL-BC560C Datasheet
304Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC560CA3-0-BK-G

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com