Electronic Components Datasheet Search |
|
T495B107M006AHE045 Datasheet(PDF) 7 Page - Kemet Corporation |
|
T495B107M006AHE045 Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 29 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2009_T495 • 6/23/2016 77 Tantalum Surface Mount Capacitors – Low ESR T495 Series Surge Robust MnO 2 Table 1 – Ratings & Part Number Reference cont'd (1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance. (2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates termination finish. Refer to Ordering Information for additional detail. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked with the higher voltage rating. Substitutions can include better than series. Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL VDC at 85ºC µF KEMET/EIA (See below for part options) µA +20ºC Max/5 Min % at +20ºC 120 Hz Max mΩ at 20ºC 100 kHz Max mA at +25ºC 100 kHz mA at +85ºC 100 kHz mA at +125ºC 100 kHz ºC Reflow Temp ≤ 260ºC 6.3 6.8 C/6032-28 T495C685(1)006A(2)E480 0.5 6.0 480 479 431 192 125 1 6.3 10 A/3216-18 T495A106(1)006A(2)E800 0.6 6.0 800 306 275 122 125 1 6.3 10 A/3216-18 T495A106(1)006A(2)E1K0 0.6 6.0 1000 274 247 110 125 1 6.3 10 A/3216-18 T495A106(1)006A(2)E1K5 0.6 6.0 1500 224 202 90 125 1 6.3 10 A/3216-18 T495A106(1)006A(2)E2K0 0.6 6.0 2000 194 175 78 125 1 6.3 10 B/3528-21 T495B106(1)006A(2)E1K0 0.6 6.0 1000 292 263 117 125 1 6.3 10 T/3528-12 T495T106(1)006A(2)E1K2 0.6 6.0 1200 242 218 97 125 1 6.3 15 A/3216-18 T495A156(1)006A(2)E2K0 0.9 6.0 2000 194 175 78 125 1 6.3 15 T/3528-12 T495T156(1)006A(2)E1K0 0.9 6.0 1000 265 239 106 125 1 6.3 22 A/3216-18 T495A226(1)006A(2)E500 1.4 6.0 500 387 348 155 125 1 6.3 22 A/3216-18 T495A226(1)006A(2)E900 1.4 8.0 900 289 260 116 125 1 6.3 22 A/3216-18 T495A226(1)006A(2)E1K5 1.4 8.0 1500 224 202 90 125 1 6.3 22 B/3528-21 T495B226(1)006A(2)E500 1.4 6.0 500 412 371 165 125 1 6.3 22 C/6032-28 T495C226(1)006A(2)E380 1.4 6.0 380 538 484 215 125 1 6.3 33 A/3216-18 T495A336(1)006A(2)E600 2.1 12.0 600 354 319 142 125 1 6.3 33 B/3528-21 T495B336(1)006A(2)E600 2.1 6.0 600 376 338 150 125 1 6.3 33 T/3528-12 T495T336(1)006A(2)E800 2.1 6.0 800 296 266 118 125 1 6.3 33 C/6032-28 T495C336(1)006A(2)E350 2.1 6.0 350 561 505 224 125 1 6.3 47 B/3528-21 T495B476(1)006A(2)E250 3.0 6.0 250 583 525 233 125 1 6.3 47 B/3528-21 T495B476(1)006A(2)E500 3.0 6.0 500 583 525 233 125 1 6.3 47 B/3528-21 T495B476(1)006A(2)E450 3.0 6.0 450 435 392 174 125 1 6.3 47 B/3528-21 T495B476(1)006A(2)E400 3.0 6.0 400 461 415 184 125 1 6.3 47 C/6032-28 T495C476(1)006A(2)E250 3.0 6.0 250 663 597 265 125 1 6.3 47 C/6032-28 T495C476(1)006A(2)E300 3.0 6.0 300 606 545 242 125 1 6.3 47 C/6032-28 T495C476(1)006A(2)E330 3.0 6.0 330 577 519 231 125 1 6.3 47 V/7343-20 T495V476(1)006A(2)E150 3.0 6.0 150 913 822 365 125 1 6.3 68 B/3528-21 T495B686(1)006A(2)E500 4.3 8.0 500 412 371 165 125 1 6.3 68 C/6032-28 T495C686(1)006A(2)E400 4.3 6.0 400 524 472 210 125 1 6.3 68 U/6032-15 T495U686(1)006A(2)E400 4.3 6.0 400 474 427 190 125 1 6.3 68 D/7343-31 T495D686(1)006A(2)E175 4.3 4.0 175 926 833 370 125 1 6.3 68 D/7343-31 T495D686(1)006A(2)E180 4.3 4.0 180 913 822 365 125 1 6.3 100 B/3528-21 T495B107(1)006A(2)E400 6.3 15.0 400 461 415 184 125 1 6.3 100 B/3528-21 T495B107(M)006A(2)E700 6.3 15.0 700 348 313 139 125 1 6.3 100 M/3528-15 T495M107(1)006A(2)E500 6.3 20.0 500 490 441 196 125 1 6.3 100 M/3528-15 T495M107(1)006A(2)E1K0 6.3 20.0 1000 346 311 138 125 1 6.3 100 C/6032-28 T495C107(1)006A(2)E075 6.3 8.0 75 1211 1090 484 125 1 6.3 100 C/6032-28 T495C107(1)006A(2)E150 6.3 8.0 150 856 770 342 125 1 6.3 100 D/7343-31 T495D107(1)006A(2)E050 6.3 6.0 50 1732 1559 693 125 1 6.3 100 D/7343-31 T495D107(1)006A(2)E130 6.3 6.0 130 1074 967 430 125 1 6.3 100 D/7343-31 T495D107(1)006A(2)E150 6.3 8.0 150 1000 900 400 125 1 6.3 100 D/7343-31 T495D107(1)006A(2)E800 6.3 6.0 800 433 390 173 125 1 6.3 100 V/7343-20 T495V107(1)006A(2)E090 6.3 8.0 90 1179 1061 472 125 1 6.3 100 V/7343-20 T495V107(1)006A(2)E150 6.3 8.0 150 913 822 365 125 1 6.3 150 C/6032-28 T495C157(1)006A(2)E050 9.5 8.0 50 1483 1335 593 125 1 6.3 150 C/6032-28 T495C157(M)006A(2)E200 9.5 8.0 200 742 668 297 125 1 6.3 150 U/6032-15 T495U157(1)006A(2)E200 9.5 8.0 200 671 604 268 125 1 6.3 150 V/7343-20 T495V157(1)006A(2)E040 9.5 8.0 40 1768 1591 707 125 1 6.3 150 V/7343-20 T495V157(1)006A(2)E070 9.5 8.0 70 1336 1202 534 125 1 VDC at 85ºC µF KEMET/EIA (See below for part options) µA +20ºC Max/5 Min % at +20ºC 120 Hz Max mΩ at 20ºC 100 kHz Max mA at +25ºC 100 kHz mA at +85ºC 100 kHz mA at +125ºC 100 kHz ºC Reflow Temp ≤ 260ºC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL |
Similar Part No. - T495B107M006AHE045 |
|
Similar Description - T495B107M006AHE045 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |