Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19BGT-2-3600-18A2 Datasheet(PDF) 2 Page - ETAL Group

Part # 19BGT-2-3600-18A2
Description  Power-D-Box with sockets pre-wired
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

19BGT-2-3600-18A2 Datasheet(HTML) 2 Page - ETAL Group

  19BGT-2-3600-18A2 Datasheet HTML 1Page - ETAL Group 19BGT-2-3600-18A2 Datasheet HTML 2Page - ETAL Group 19BGT-2-3600-18A2 Datasheet HTML 3Page - ETAL Group 19BGT-2-3600-18A2 Datasheet HTML 4Page - ETAL Group 19BGT-2-3600-18A2 Datasheet HTML 5Page - ETAL Group 19BGT-2-3600-18A2 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Power-D-Box with sockets pre-wired
www.e-t-a.de
Power-D-Box with sockets pre-wired
1
1 - 90
2013/14
Dimensions
465
482.6
205 (250/295)
19BGT-2-3600-30A0-B0
line entry
ground
screw M6
Bottom view
19BGT-2-ESS20-30A0-B0
blanking piece Y30856341
19BGT-2-ESS20-30A0-B0
19BGT-2-ESX10-30A0-B0
Fitted with circuit protector type ESS20
shown for ESX10
205 (250/295)
465
482.6
Top view
Bottom view
19BGT-2-2210-30A0-B0
19BGT-2-2210-30A0-B0
Top view
supply auxiliary
contacts signal
installation depth
205 mm (without
additional wiring,
standard)
installation depth
250/295 mm,
depending on
additional wiring
19
18.31
Fitted with circuit
protector type ESX10
line entry
ground
screw M6
supply auxiliary
contacts signal
blanking piece Y30856301
18.31
19
installation depth
205 mm (without
additional wiring,
standard)
installation depth
250/295 mm,
depending on
additional wiring
Fitted with circuit breaker type 2210
Fitted with circuit breaker
type 3600/3900
shown for type
3600/3900
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Ordering information
Type No.
19BGT 19“ Power-D-Box with sockets pre-wired
Height
1 1 U
2 2 U
3 3 U
Prepared for circuit breaker types (supplied separately)
2210
for circuit breaker type 2210
3600
for circuit breaker type 3600/3900
1048
for SSRPC E-1048-600
ESS20 for electronic circuit breaker type ESS20
ESX10 for electronic circuit protector type ESX10
Number of positions
06 6-poles
12 12-poles
18 18-poles
24 24-poles
30 30-poles
nn number of poles (special version)
Feed prewired
A0 without
R0 without, redundant
A2 line feed pre-wired (2.5 mm2) 1-pole (or 1 circuit)
R2 line feed pre-wired 1-pole redundant
A4 line feed pre-wired (2.5 mm2) 2-pole (or 2 circuits)
R4 line feed pre-wired 2-pole redundant
A6 line feed pre-wired 3-pole (or 3 circuits)
R6 line feed pre-wired 3-pole redundant
A8 line feed pre-wired 4-pole (or 4 circuits)
R8 line feed pre-wired 4-pole redundant
Wire colour (not with A0 + R0)
1-pole
SW
black
RT
red
BL
blue
GR
grey
2-pole
RB
1st pole red, 2nd pole blue
RS
1st pole red, 2nd pole black
SB
1st pole black, 2nd pole blue
3-pole
SW
1st pole to 3rd pole black
SB
1st pole to 2nd pole black, 3rd pole blue
4-pole
SW
1st pole to 4th pole black
SB
1st pole to 3rd pole black, 4th pole blue
Auxiliary contacts prewired (1 mm2)
B0 without
B1 auxiliary contacts connected in series
(please consider plug-in device)
B2 auxiliary contacts connected in parallel
(please consider plug-in device)
Wire colour (not with B0)
SW
black
RT
red
BL
blue
GR
grey (standard)
S...
customer-specific version
19BGT - 2 - 2210 - 24 A2 SW - B1 GR - S...
ordering example


Similar Part No. - 19BGT-2-3600-18A2

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
19BG6-GA GEC-19BG6-GA Datasheet
383Kb / 4P
   BEAM PENTODE
More results

Similar Description - 19BGT-2-3600-18A2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-032 GLENAIR-240-032 Datasheet
183Kb / 2P
   Pre-Wired Micro-D Filter Connectors
240-03219PC GLENAIR-240-03219PC Datasheet
171Kb / 2P
   Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire
MWDM1L-9P-4K GLENAIR-MWDM1L-9P-4K Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
logo
Omron Electronics LLC
EE-SX1096-W11 OMRON-EE-SX1096-W11 Datasheet
256Kb / 2P
   Pre-wired Sensors (AWG28).
logo
Pepperl+Fuchs Inc.
V7-W PF-V7-W Datasheet
120Kb / 1P
   Non pre-wired cable socket
2009-06-08
V16-W PF-V16-W Datasheet
77Kb / 1P
   Non pre-wired cable socket
2008-11-06
V16S-G PF-V16S-G Datasheet
67Kb / 1P
   Non pre-wired cable connector
2007-06-14
V31S-GM PF-V31S-GM Datasheet
71Kb / 1P
   Non pre-wired cable connector
2009-07-02
logo
Glenair, Inc.
M83513-03-A01C GLENAIR-M83513-03-A01C Datasheet
108Kb / 2P
   Metal Shell Crimp, Pre-Wired
logo
Pepperl+Fuchs Inc.
V16-G PF-V16-G Datasheet
66Kb / 1P
   Non pre-wired cable socket
2007-06-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com