Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBC114ES6R Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # HBC114ES6R
Description  Dual NPN Digital Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBC114ES6R Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  HBC114ES6R Datasheet HTML 1Page - Cystech Electonics Corp. HBC114ES6R Datasheet HTML 2Page - Cystech Electonics Corp. HBC114ES6R Datasheet HTML 3Page - Cystech Electonics Corp. HBC114ES6R Datasheet HTML 4Page - Cystech Electonics Corp. HBC114ES6R Datasheet HTML 5Page - Cystech Electonics Corp. HBC114ES6R Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C351S6R
Issued Date : 2003.05.22
Revised Date : 2011.02.21
Page No. : 1/6
HBC114ES6R
CYStek Product Specification
Dual NPN Digital Transistors
HBC114ES6R
Features
• Built-in bias resistors enable the configuration of an inverter circuit without connecting external input
resistors (see equivalent circuit).
• The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the
input. They also have the advantage of almost completely eliminating parasitic effects.
• Only the on/off conditions need to be set for operation, making device design easy.
• Two DTC114E chips in a SOT-363 package.
• Mounting by SOT-323 automatic mounting machines is possible.
• Mounting cost and area can be cut in half.
• Transistor elements are independent, eliminating interference.
• Complements the HBA114ES6R.
• Pb-free package.
Equivalent Circuit
Outline
SOT-363R
HBC114ES6R
RB1=10k
Ω , RB2=10 kΩ
TR1
TR2
RB1
RBE2
RBE1
RB2
RBE1=10k
Ω , RBE2=10 kΩ


Similar Part No. - HBC114ES6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBC114ES6R CYSTEKEC-HBC114ES6R Datasheet
181Kb / 4P
   Dual NPN Digital Transistors
More results

Similar Description - HBC114ES6R

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
EMH1 JIANGSU-EMH1 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
UMH15N JIANGSU-UMH15N Datasheet
2Mb / 4P
   Dual Digital Transistors (NPNNPN)
EMH4 JIANGSU-EMH4 Datasheet
813Kb / 3P
   Dual Digital Transistors (NPNNPN)
EMH2 JIANGSU-EMH2 Datasheet
3Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH11 JIANGSU-EMH11 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH10 JIANGSU-EMH10 Datasheet
4Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMG11 JIANGSU-EMG11 Datasheet
703Kb / 3P
   Dual Digital Transistors (NPNNPN)
EMD2 JIANGSU-EMD2 Datasheet
6Mb / 5P
   Dual Digital Transistors (NPNNPN)
EMH3 JIANGSU-EMH3 Datasheet
1Mb / 4P
   Dual Digital Transistors (NPNNPN)
logo
Shenzhen Jin Yu Semicon...
EMG8 HTSEMI-EMG8 Datasheet
655Kb / 2P
   dual digital transistors ( NPN NPN)
UMH14N HTSEMI-UMH14N Datasheet
399Kb / 1P
   dual digital transistors (NPN NPN)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com