Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBA143ES6R Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # HBA143ES6R
Description  Dual PNP Digital Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBA143ES6R Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  HBA143ES6R Datasheet HTML 1Page - Cystech Electonics Corp. HBA143ES6R Datasheet HTML 2Page - Cystech Electonics Corp. HBA143ES6R Datasheet HTML 3Page - Cystech Electonics Corp. HBA143ES6R Datasheet HTML 4Page - Cystech Electonics Corp. HBA143ES6R Datasheet HTML 5Page - Cystech Electonics Corp. HBA143ES6R Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C268S6R
Issued Date : 2003.05.28
Revised Date : 2011.02.21
Page No. : 1/6
HBA143ES6R
CYStek Product Specification
Dual PNP Digital Transistors
HBA143ES6R
Features
•Built-in bias resistors enable the configuration of an inverter circuit without connecting external input
resistors (see equivalent circuit).
•The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the
input. They also have the advantage of almost completely eliminating parasitic effects.
•Only the on/off conditions need to be set for operation, making device design easy.
•Two DTA143E chips in a SOT-363 package.
•Mounting by SOT-323 automatic mounting machines is possible.
•Mounting cost and area can be cut in half.
•Transistor elements are independent, eliminating interference.
•Complements the HBC143ES6R.
•Pb-free package.
Equivalent Circuit
Outline
SOT-363R
HBA143ES6R
RB1=4.7k
Ω , RB2=4.7 kΩ
RBE1=4.7k
Ω , RBE2=4.7 kΩ
TR1
TR2
RB1
RBE2
RBE1
RB2


Similar Part No. - HBA143ES6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBA143ES6R CYSTEKEC-HBA143ES6R Datasheet
181Kb / 4P
   Dual NPN Digital Transistors
More results

Similar Description - HBA143ES6R

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
EMB9 JIANGSU-EMB9 Datasheet
3Mb / 3P
   Dual Digital Transistors (PNPPNP)
logo
TECH PUBLIC Electronics...
TPBC856S TECHPUBLIC-TPBC856S Datasheet
1Mb / 4P
   Dual Digital Transistors (PNPPNP)
logo
Jiangsu Changjiang Elec...
EMB3 JIANGSU-EMB3 Datasheet
3Mb / 3P
   Dual Digital Transistors (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
UMA5N HTSEMI-UMA5N Datasheet
345Kb / 1P
   dual digital transistors (PNP PNP)
UMG5N HTSEMI-UMG5N Datasheet
307Kb / 1P
   dual digital transistors (PNP PNP)
EMB11 HTSEMI-EMB11 Datasheet
1Mb / 1P
   dual digital transistors (PNP PNP)
logo
TECH PUBLIC Electronics...
BC856S TECHPUBLIC-BC856S Datasheet
1Mb / 4P
   Dual Digital Transistors (PNPPNP)
logo
Jiangsu Changjiang Elec...
EMB4 JIANGSU-EMB4 Datasheet
3Mb / 3P
   Dual Digital Transistors (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
UMA11N HTSEMI-UMA11N Datasheet
338Kb / 1P
   dual digital transistors (PNP PNP)
EMB9 HTSEMI-EMB9 Datasheet
384Kb / 1P
   dual digital transistors (PNP PNP)
logo
Cystech Electonics Corp...
HBA114TS6R CYSTEKEC-HBA114TS6R Datasheet
167Kb / 4P
   Dual PNP Digital Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com