Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9144 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9144
Description  Multiple chip synchronization
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9144 Datasheet HTML 2Page - Analog Devices AD9144 Datasheet HTML 3Page - Analog Devices AD9144 Datasheet HTML 4Page - Analog Devices AD9144 Datasheet HTML 5Page - Analog Devices AD9144 Datasheet HTML 6Page - Analog Devices AD9144 Datasheet HTML 7Page - Analog Devices AD9144 Datasheet HTML 8Page - Analog Devices AD9144 Datasheet HTML 9Page - Analog Devices AD9144 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 126 page
background image
Data Sheet
AD9144
Rev. A | Page 5 of 125
SPECIFICATIONS
DC SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = −40°C to +85°C, IOUTFS = 20 mA, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ACCURACY
With calibration
Differential Nonlinearity (DNL)
±1.0
LSB
Integral Nonlinearity (INL)
±2.0
LSB
MAIN DAC OUTPUTS
Gain Error
With internal reference
−2.5
+2
+5.5
% FSR
I/Q Gain Mismatch
−0.6
+0.6
% FSR
Full-Scale Output Current
Based on a 4 kΩ external resistor between I120 and GND
Maximum Setting
25.5
27.0
28.6
mA
Minimum Setting
13.1
13.9
14.8
mA
Output Compliance Range
−250
+750
mV
Output Resistance
0.2
Output Capacitance
3.0
pF
Gain DAC Monotonicity
Guaranteed
Settling Time
To within ±0.5 LSB
20
ns
MAIN DAC TEMPERATURE DRIFT
Offset
0.04
ppm
Gain
32
ppm/°C
REFERENCE
Internal Reference Voltage
1.2
V
ANALOG SUPPLY VOLTAGES
AVDD33
3.13
3.3
3.47
V
PVDD12
1.14
1.2
1.26
V
CVDD12
1.14
1.2
1.26
V
DIGITAL SUPPLY VOLTAGES
SIOVDD33
3.13
3.3
3.47
V
VTT
1.1
1.2
1.37
V
DVDD12
1.14
1.2
1.26
V
1.274
1.3
1.326
V
SVDD12
1.14
1.2
1.26
V
1.274
1.3
1.326
V
IOVDD
1.71
1.8
3.47
V
POWER CONSUMPTION
4× Interpolation Mode,
JESD Mode 4, 8 SERDES Lanes
fDAC = 1.6 GSPS, IF = 40 MHz, NCO off, PLL on, digital gain
on, inverse sinc on, DAC FSC = 20 mA
1.59
1.84
W
AVDD33
126
134
mA
PVDD12
95.3
112.4
mA
CVDD12
101
111
mA
SVDD12
Includes VTT
518.2
654
mA
DVDD12
234
255
mA
SIOVDD33
11
12
mA
IOVDD
36
50
μA


Similar Part No. - AD9144

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9144 AD-AD9144 Datasheet
2Mb / 125P
   Digital-to-Analog Converter
AD9144-EBZ AD-AD9144-EBZ Datasheet
959Kb / 7P
   Mini-USB Cable
AD9144-EBZ AD-AD9144-EBZ Datasheet
2Mb / 125P
   Digital-to-Analog Converter
AD9144-FMC-EBZ AD-AD9144-FMC-EBZ Datasheet
2Mb / 125P
   Digital-to-Analog Converter
AD9144-M6720-EBZ AD-AD9144-M6720-EBZ Datasheet
2Mb / 125P
   Digital-to-Analog Converter
More results

Similar Description - AD9144

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
logo
Billiton Ltd.
TP5600 ASIC-TP5600 Datasheet
1Mb / 21P
   SynchronIzatIon Switch SynchronIzatIon Switch 2 A
logo
Integrated Device Techn...
82P33914 IDT-82P33914 Datasheet
146Kb / 4P
   Synchronization System
logo
STMicroelectronics
STEVAL-CCA029V1 STMICROELECTRONICS-STEVAL-CCA029V1 Datasheet
334Kb / 4P
   External synchronization
logo
Systemsensor advanced i...
RRS-MOD SYSTEMSENSOR-RRS-MOD Datasheet
97Kb / 2P
   Synchronization Module
logo
STMicroelectronics
AN832 STMICROELECTRONICS-AN832 Datasheet
34Kb / 3P
   L4981A SYNCHRONIZATION
logo
Hotchip Technology Co.,...
PB0052E HOTCHIP-PB0052E Datasheet
1Mb / 8P
   SynchronIzatIon switch
logo
Maxim Integrated Produc...
MAX17509 MAXIM-MAX17509 Datasheet
623Kb / 24P
   External Frequency Synchronization
Rev 0; 2/15
logo
Renesas Technology Corp
8A34005 RENESAS-8A34005 Datasheet
2Mb / 95P
   Synchronization Management Unit
April 19, 2022
8A34004 RENESAS-8A34004 Datasheet
2Mb / 100P
   Synchronization Management Unit
February 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com