Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6848 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SG6848
Description  Low Cost Green-Mode PWM Controller for Flyback Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SG6848 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SG6848 Datasheet HTML 5Page - List of Unclassifed Manufacturers SG6848 Datasheet HTML 6Page - List of Unclassifed Manufacturers SG6848 Datasheet HTML 7Page - List of Unclassifed Manufacturers SG6848 Datasheet HTML 8Page - List of Unclassifed Manufacturers SG6848 Datasheet HTML 9Page - List of Unclassifed Manufacturers SG6848 Datasheet HTML 10Page - List of Unclassifed Manufacturers SG6848 Datasheet HTML 11Page - List of Unclassifed Manufacturers SG6848 Datasheet HTML 12Page - List of Unclassifed Manufacturers SG6848 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Product Specification
Low Cost Green-Mode PWM Controller for Flyback Converters
SG6848
© System General Corp.
- 10 -
www.sg.com.tw
Version 1.2(IRO33.0010.B0)
May.06, 2003
REFERENCE CIRCUIT
Circuit
VO
GND
R13
C10
R12
+
C9
U3
1
R1
D5
D1
R8
Q1
1
C3
U1
1
2
3
4
5
6
GND
FB
RI
SENSE
VDD
GATE
+
C2
F1
L1
1
2
D4
2
1
R11
C1
R4
U2
1
2
4
3
CX1
R7
-+
BD1
4
2
R5
T1
8
5
7
3,4
1,2
10
9
L2
1
2
C6
R9
+
C4
R10
R6
R3
D2
2
1
+
C8
CY1
C7
R14
R2
L
N
BOM
Reference
Component
Reference
Component
BD1
BD 1A/500V
L2
10uH 6mm
CX1
(Optional) YC 472P/400V (Y1)
Q1
MOSFET 1A/600V
CY1
(Optional) YC 102P/400V (Y1)
R1,R2
R 750KΩ 1206
C2
EC 10uF/400V 105
R4,R3
R 47KΩ 1206
C1
CC 103P/500V
R5
R 47Ω 1206
C3
CC 1000P/500V
R6
R 4.7Ω 1206
C4
EC 10u/50V
R7
R 100Ω 0805
C6
CC 472P 0805
R8
R 10Ω 1206
C7
(Optional) CC 102P/100V 1206
R10
(Optional) R 10Ω 1206
C8
EC 470u/10V 105
R9
R 100KΩ 0805
C9
EC 220u/10V 105
R11
R 100Ω 1/8W
C10
CC 222P 0805
R12
R 33KΩ 0805
D1
Diode FRI07
R13
R 33KΩ 1/8W
D2
Diode FR102
R14
R 4.7KΩ 0805
D4
Diode SB360
T1
EE-16
D5
(Optional) ZD 6.8V 0.5W
U1
IC SG6848 (Green PWM IC)
F1
R 1Ω/0.5W
U2
PC817
L1
20mH 6*8mm
U3
TL431


Similar Part No. - SG6848

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SG6848DY1 ONSEMI-SG6848DY1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
SG6848DZ1 ONSEMI-SG6848DZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
SG6848TP1 ONSEMI-SG6848TP1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
SG6848TZ1 ONSEMI-SG6848TZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
SG6848X1 ONSEMI-SG6848X1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
More results

Similar Description - SG6848

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859 FAIRCHILD-SG6859 Datasheet
479Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
SG6860 FAIRCHILD-SG6860 Datasheet
554Kb / 11P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A_10 Datasheet
509Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
ON Semiconductor
SG6848TZ1 ONSEMI-SG6848TZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com