Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKBPC2508 Datasheet(PDF) 1 Page - Kingtronics International Company

Part # SKBPC2508
Description  THREE PHASE GLASS PASSIVATED BRIDGE RECTIFIER REVERSE VOLTAGE 400 to 1600 Volts FORWARD CURRENT 25 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

SKBPC2508 Datasheet(HTML) 1 Page - Kingtronics International Company

  SKBPC2508 Datasheet HTML 1Page - Kingtronics International Company SKBPC2508 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
THREE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
REVERSE VOLTAGE 400 to 1600 Volts
FORWARD CURRENT 25 Ampere
FEATURES
Io 25A
VRRM 400V~1600V
Glass passivated chip
High surge forward current capability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified ,
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
PARAMETER
SYMBOL
Conditions
SKBC
2504
SKBPC
2506
SKBPC
2508
SKBPC
2510
SKBPC
2512
SKBPC
2514
SKBPC
2516
UNIT
Repetitive Peak
Reverse Voltage
VRRM
400
600
800
1000
1200
1400
1600
V
Average Rectified
Output Current
IO
60Hz
sine
wave,
R-load
With
heatsink
Tc=55℃
25
A
Surge(Nonrepetitive
) Forward Current
IFSM
60Hz sine wave, 1
cycle, Ta=25℃
360
A
Current Squared Time
I
2t
1ms
≤t<8.3ms
Tj=25℃ Rating of
per diode
540
A
2S
Storage Temperature
TSTG
-40~+150
Junction Temperature
TJ
-55~+150
Dielectric Strength
Vdis
Terminals to case,
AC 1 minute
2.5
KV
Item
SYMBOL
UNIT
Test Condition
Max
Peak Forward Voltage
VFM
V
IFM=8.5A, Pulse measurement, Rating of per
1.2
Peak
Reverse
Current
IRRM
uA
VRM=VRRM , Pulse measurement, Rating of per diode
10
Thermal Resistance
RθJ-C
/W
Between junction and case, With heatsink
1.9
SKBPC2504 THRU
SKBPC2516
SKBPC
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
Dimensions in inches and (millimeters)


Similar Part No. - SKBPC2508

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SKBPC2508 YANGJIE-SKBPC2508 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Suntan Capacitors
SKBPC2508 SUNTAN-SKBPC2508 Datasheet
829Kb / 4P
   Diffused Junction
SKBPC2508 SUNTAN-SKBPC2508 Datasheet
188Kb / 2P
   THREE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
SKBPC2508 YANGJIE-SKBPC2508 Datasheet
103Kb / 2P
   Bridge Rectifier
logo
Shenzhen Luguang Electr...
SKBPC2508 LUGUANG-SKBPC2508 Datasheet
896Kb / 3P
   Three Phase Bridge Rectifiers
More results

Similar Description - SKBPC2508

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
SKBPC1504-SKBPC1516 KINGTRONICS-SKBPC1504-SKBPC1516 Datasheet
312Kb / 2P
   THREE PHASE GLASS PASSIVATED BRIDGE RECTIFIER REVERSE VOLTAGE 400 to 1600 Volts FORWARD CURRENT 15 Ampere
SKBPC5004-SKBPC5016 KINGTRONICS-SKBPC5004-SKBPC5016 Datasheet
316Kb / 2P
   THREE PHASE GLASS PASSIVATED BRIDGE RECTIFIER REVERSE VOLTAGE 400 to 1600 Volts FORWARD CURRENT 50 Ampere
S25VB005-S25VB100 KINGTRONICS-S25VB005-S25VB100 Datasheet
362Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 25 Ampere
GBPC25005-GBPC2510 KINGTRONICS-GBPC25005-GBPC2510 Datasheet
375Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 25 Ampere
GBPC25005W-GBPC2510W KINGTRONICS-GBPC25005W-GBPC2510W Datasheet
376Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 25 Ampere
GBJ2501-GBJ2510 KINGTRONICS-GBJ2501-GBJ2510 Datasheet
369Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 100 to 1000 Volts FORWARD CURRENT 25 Ampere
GBU8005-GBU810 KINGTRONICS-GBU8005-GBU810 Datasheet
344Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 8.0 Ampere
GBU15005-GBU1510 KINGTRONICS-GBU15005-GBU1510 Datasheet
330Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 15 Ampere
GBPC35005-GBPC3510 KINGTRONICS-GBPC35005-GBPC3510 Datasheet
369Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 35 Ampere
GBPC50005W-GBPC5010W KINGTRONICS-GBPC50005W-GBPC5010W Datasheet
374Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com