Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6848T Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SG6848T
Description  Low Cost Green-Mode PWM Controller for Flyback Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SG6848T Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SG6848T Datasheet HTML 1Page - List of Unclassifed Manufacturers SG6848T Datasheet HTML 2Page - List of Unclassifed Manufacturers SG6848T Datasheet HTML 3Page - List of Unclassifed Manufacturers SG6848T Datasheet HTML 4Page - List of Unclassifed Manufacturers SG6848T Datasheet HTML 5Page - List of Unclassifed Manufacturers SG6848T Datasheet HTML 6Page - List of Unclassifed Manufacturers SG6848T Datasheet HTML 7Page - List of Unclassifed Manufacturers SG6848T Datasheet HTML 8Page - List of Unclassifed Manufacturers SG6848T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Product Specification
Low Cost Green-Mode PWM Controller for Flyback Converters
SG6848
© System General Corp.
- 5 -
www.sg.com.tw
Version 1.2(IRO33.0010.B0)
May.06, 2003
Under Voltage Lockout Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTH(ON)
Start Threshold Voltage
TA=25°C
15.3
16.3
17.3
V
VDD(min)
Min. Operating Voltage
TA=25°C
10.9
11.7
12.5
V
Total Standby Current Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IDD ST
Start-up Current
VDD=15V
5
30
uA
IDD OP
Operating Supply Current
VDD=15V
2
5
mA


Similar Part No. - SG6848T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SG6848TP1 ONSEMI-SG6848TP1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
SG6848TZ1 ONSEMI-SG6848TZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
More results

Similar Description - SG6848T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859 FAIRCHILD-SG6859 Datasheet
479Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
SG6860 FAIRCHILD-SG6860 Datasheet
554Kb / 11P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A_10 Datasheet
509Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
ON Semiconductor
SG6848TZ1 ONSEMI-SG6848TZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com