Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19BGT-3-3600-24R4 Datasheet(PDF) 1 Page - ETAL Group

Part # 19BGT-3-3600-24R4
Description  Power-D-Box with sockets pre-wired
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

19BGT-3-3600-24R4 Datasheet(HTML) 1 Page - ETAL Group

  19BGT-3-3600-24R4 Datasheet HTML 1Page - ETAL Group 19BGT-3-3600-24R4 Datasheet HTML 2Page - ETAL Group 19BGT-3-3600-24R4 Datasheet HTML 3Page - ETAL Group 19BGT-3-3600-24R4 Datasheet HTML 4Page - ETAL Group 19BGT-3-3600-24R4 Datasheet HTML 5Page - ETAL Group 19BGT-3-3600-24R4 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.e-t-a.de
Power-D-Box with sockets pre-wired
1
1 - 89
2013/14
Description
Technical data
The compact 19“ Power-D-Box features aluminium profiled cross
members with an anodised front plate. The panel cutout accommodates
up to 30 positions numbered 1 to 30. Blanks cover unused positions,
with 6, 12, 24 or 30 being ”open“.
The rack can be fitted with plug-in type circuit breakers 3600/3900 and
2210, electronic circuit breakers ESS20 or electronic circuit protector
ESX10 or E-T-A Solid State Remote Power Controllers (SSRPC)
E-1048-600/700. Please specify the correct option according to the
ordering information shown, as different depths as well as different
heights of the front cut-out must be allowed for.
The devices are plugged into sockets 63-P10-Si (6 positions each).
These sockets (S1...S5) are provided with 6.3 mm blade terminals on
the rear.
Four busbars (X1...X4) with 6 (signalisation) or 15 (feed) positions each
(6.3 mm blade terminals) provide easy terminal connection.
Prewired options available ex factory are:
l
Parallel connected feed (2.5 mm2) with separate supply for each
socket via busbars X1 and X2.
Choice of wiring colours: black, red, blue, grey. Outputs are not
connected.
l
Parallel connected auxiliary contacts (N/C) grouped per socket,
1 mm2, via busbars X3 (supply) and X4 (signalisation).
Choice of wiring colours: black, red, blue, grey.
l
Series connected auxiliary contacts (N/O) of all positions with
1 mm2, via busbars X3 (feed) and X4 (signalisation).
Choice of wiring colours: black, red, blue, grey.
l
Custom designed connection according to specification.
Other fittings, e.g. back-up fuse, separate circuits or redundancy,
multipole circuits, screw terminals, custom designed markings etc., are
available to special order (please enquire).
A compact printed circuit board with rear screw terminals is available
as an alternative to the standard cable wiring.
Power-D-Box with sockets pre-wired
19“ Power-D-Box
length: 84 modules (426.72 mm)
height: 2 U (88.90 mm)
depth: 205...295 mm
(depending on the selected version)
material: aluminium, anodized
Front cutout for
1 socket = 6 positions (No. 1 - 6)
30 positions, numbered
2 sockets = 12 positions (No. 1 - 12)
1 through 30
3 sockets = 18 positions (No. 1 - 18)
4 sockets = 24 positions (No. 1 - 24)
5 sockets = 30 positions (No. 1 - 30)
blanks cover unused sockets.
Mounting socket
polarised E-T-A mounting socket
type 63-P10-Si (6 positions)
rear blade terminals 6.3 mm
max. load: 16 A continuous
Busbars
15-way for 6.3 mm blade terminals
Feed (X1, X2)
max. current rating: 63 A
Busbars
6-way for 6.3 mm blade terminals
Auxiliary contacts (X3, X4) max. current rating: 32 A
Feed
busbar 50 A per socket (= 6 positions)
HO7Z-K cables 2.5 mm2
with fully insulated 6.3 mm blade terminals
to VBG 4
one cable per socket
max. current rating: 20 A
Auxiliary contact wiring
HO7Z-K cables 1 mm2
with fully insulated 6.3 mm blade terminals
to VBG 4
max. current rating: 4 A
Wire colour option
black, red, blue or grey
Voltage rating
AC 250 V/DC 65 V
Housing ground/earth
on the inside via M6 screw
by means of ring cable lug (two with
redundant systems)


Similar Part No. - 19BGT-3-3600-24R4

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
19BG6-GA GEC-19BG6-GA Datasheet
383Kb / 4P
   BEAM PENTODE
More results

Similar Description - 19BGT-3-3600-24R4

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-032 GLENAIR-240-032 Datasheet
183Kb / 2P
   Pre-Wired Micro-D Filter Connectors
240-03219PC GLENAIR-240-03219PC Datasheet
171Kb / 2P
   Micro-D Filter Connectors Pre-Wired Pigtails with Insulated Wire
MWDM1L-9P-4K GLENAIR-MWDM1L-9P-4K Datasheet
183Kb / 2P
   Micro-D Metal Shell MWDM Pre-Wired with Insulated Wire
logo
Omron Electronics LLC
EE-SX1096-W11 OMRON-EE-SX1096-W11 Datasheet
256Kb / 2P
   Pre-wired Sensors (AWG28).
logo
Pepperl+Fuchs Inc.
V7-W PF-V7-W Datasheet
120Kb / 1P
   Non pre-wired cable socket
2009-06-08
V16-W PF-V16-W Datasheet
77Kb / 1P
   Non pre-wired cable socket
2008-11-06
V16S-G PF-V16S-G Datasheet
67Kb / 1P
   Non pre-wired cable connector
2007-06-14
V31S-GM PF-V31S-GM Datasheet
71Kb / 1P
   Non pre-wired cable connector
2009-07-02
logo
Glenair, Inc.
M83513-03-A01C GLENAIR-M83513-03-A01C Datasheet
108Kb / 2P
   Metal Shell Crimp, Pre-Wired
logo
Pepperl+Fuchs Inc.
V16-G PF-V16-G Datasheet
66Kb / 1P
   Non pre-wired cable socket
2007-06-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com