Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM7171 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM7171
Description  Fast transient response
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7171 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM7171 Datasheet HTML 3Page - Analog Devices ADM7171 Datasheet HTML 4Page - Analog Devices ADM7171 Datasheet HTML 5Page - Analog Devices ADM7171 Datasheet HTML 6Page - Analog Devices ADM7171 Datasheet HTML 7Page - Analog Devices ADM7171 Datasheet HTML 8Page - Analog Devices ADM7171 Datasheet HTML 9Page - Analog Devices ADM7171 Datasheet HTML 10Page - Analog Devices ADM7171 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADM7171
Data Sheet
Rev. C | Page 6 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
Regulated Output Voltage. Bypass this pin to GND with a 4.7 µF or greater capacitor.
2
VOUT
Regulated Output Voltage. This pin is internally connected to Pin 1.
3
SENSE
Sense Input. Connect this pin as close as possible to the load for best load regulation. Use an external
resistor divider to set the output voltage higher than the fixed output voltage.
4
SS
Soft Start. A 1 nF external capacitor connected to SS results in a 1.0 ms start-up time.
5
EN
Regulator Enable. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For
automatic startup, connect EN to VIN (Pin 7 or Pin 8).
6
GND
Ground.
7
VIN
Regulator Input Supply. Bypass this pin to GND with a 4.7 µF or greater capacitor.
8
VIN
Regulator Input Supply. This pin is internally connected to Pin 7.
9
EP
Exposed Pad. The exposed pad is on the bottom of the package. The exposed pad enhances thermal
performance and is electrically connected to GND inside the package. Connect the exposed pad to the
ground plane on the board to ensure proper operation.
3
SENSE
4
SS
1
VOUT
2
VOUT
6 GND
5 EN
8 VIN
7 VIN
NOTES
1. THE EXPOSED PAD ENHANCES THERMAL PERFORMANCE
AND IS ELECTRICALLY CONNECTED TO GND INSIDE THE
PACKAGE. CONNECT THE EXPOSED PAD TO THE GROUND
PLANE ON THE BOARD TO ENSURE PROPER OPERATION.
ADM7171
TOP VIEW
(Not to Scale)


Similar Part No. - ADM7171

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM7170 AD-ADM7170 Datasheet
1Mb / 24P
   Adjustable and fixed output voltage options
ADM7170ACPZ-1.3-R7 AD-ADM7170ACPZ-1.3-R7 Datasheet
1Mb / 24P
   Adjustable and fixed output voltage options
ADM7170ACPZ-1.8-R7 AD-ADM7170ACPZ-1.8-R7 Datasheet
1Mb / 24P
   Adjustable and fixed output voltage options
ADM7170ACPZ-2.5-R7 AD-ADM7170ACPZ-2.5-R7 Datasheet
1Mb / 24P
   Adjustable and fixed output voltage options
ADM7170ACPZ-3.0-R7 AD-ADM7170ACPZ-3.0-R7 Datasheet
1Mb / 24P
   Adjustable and fixed output voltage options
More results

Similar Description - ADM7171

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5140-15 MSK-MSK5140-15_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133B IRF-IRUH330133B_15 Datasheet
169Kb / 9P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5140-33 MSK-MSK5140-33_15 Datasheet
377Kb / 8P
   Fast Transient Response
logo
Rohm
BU90054GWZ ROHM-BU90054GWZ Datasheet
1,015Kb / 18P
   Fast transient response
logo
Wall Industries,Inc.
HPSERIES WALL-HPSERIES Datasheet
482Kb / 5P
   Fast Transient Response
logo
M.S. Kennedy Corporatio...
MSK5141 MSK-MSK5141_15 Datasheet
472Kb / 8P
   Fast Transient Response
logo
International Rectifier
IRUH330133A IRF-IRUH330133A_15 Datasheet
168Kb / 9P
   Fast Transient Response
logo
Unisonic Technologies
LXXLD32G-SH2-R UTC-LXXLD32G-SH2-R Datasheet
249Kb / 7P
   Fast Transient Response
logo
International Rectifier
IRUH3301A1B IRF-IRUH3301A1B_15 Datasheet
184Kb / 9P
   Fast Transient Response
IRUH330118B IRF-IRUH330118B_15 Datasheet
168Kb / 9P
   Fast Transient Response
IRUH330125A IRF-IRUH330125A_15 Datasheet
170Kb / 9P
   Fast Transient Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com