Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64K402-272B1 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 64K402-272B1
Description  Panel Jack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

64K402-272B1 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  64K402-272B1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 64K402-272B1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
4.3-10
Panel Jack
64K402-272B1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Frequency
DC to 12 GHz
Return loss
 36 dB @ DC to 4 GHz
 32 dB @ 4 GHz to 6 GHz
Insertion loss
 0.05 x
[GHz]
f
dB
Insulation resistance
 5 G
Center contact resistance
 1.0 m
Outer contact resistance
 1.0 m
Test voltage
1200 V rms
Working voltage
500 V rms
RF-leakage
 110 dB @ DC to 6 GHz for tool tightened plugs
 90 dB @ DC to 3 GHz for tool-less plugs
 70 dB @ 3 to 6 GHz for tool-less plugs
Power handling (at 90 °C, altitude 3000m)
500 W @ 2.0 GHz
Intermodulation (3
rd order)
 160 dBc (2 x 46 dBm) @ 0.4 – 4.0 GHz
 166 dBc (2 x 43 dBm) @ 0.4 – 4.0 GHz
- Limitations are possible due to the used cable type
- RL values only valid for the interface -
Mechanical data
Mating cycles
 100
Center contact captivation: axial
30 N
Center contact retention force
1,5 - 20 N
Outer contact retention force
4 - 35 N
Engagement force
typ. 100 N for Push Pull connector
Disengagement force
typ. 80 N for Push Pull connector
Recommended torque
5 Nm for tool tightened
Environmental data
Temperature range
-55 °C to +90 °C operating temperature
Thermal shock
IEC 61169-1 9.4.4
Corrosion resistance
ISO 21207 method B
Vibration
IEC 61169-1 9.3.3 and IEC 60068-2-64
Shock
IEC 61169-1 9.3.14
Degree of protection (mated pair)
IEC 60529, IP68 1h / 25m
RoHS
compliant
Tooling
N/A
Suitable cables
UT 141, RG 402 /U, RTK-FS 141
Weight
Weight
33.8 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Gramsamer J.
16/09/14
F. Fraunhofer
10.05.2016
a00
16-s148
Nobis A.
10.05.2016
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 64K402-272B1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
64K401-200B1 ROSENBERGER-64K401-200B1 Datasheet
131Kb / 2P
   Panel Jack
64K401-273B1 ROSENBERGER-64K401-273B1 Datasheet
306Kb / 2P
   Panel Jack
64K409-200B1 ROSENBERGER-64K409-200B1 Datasheet
498Kb / 2P
   Panel Jack
64K409-500B1 ROSENBERGER-64K409-500B1 Datasheet
108Kb / 2P
   Panel Jack
64K409-900B1 ROSENBERGER-64K409-900B1 Datasheet
117Kb / 2P
   Panel Jack
More results

Similar Description - 64K402-272B1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53K407-106N5 ROSENBERGER-53K407-106N5 Datasheet
43Kb / 2P
   PANEL JACK
53K409-500N5 ROSENBERGER-53K409-500N5 Datasheet
39Kb / 2P
   PANEL JACK
53K407-108N5 ROSENBERGER-53K407-108N5 Datasheet
43Kb / 2P
   PANEL JACK
64K409-200B1 ROSENBERGER-64K409-200B1 Datasheet
498Kb / 2P
   Panel Jack
53K401-115N5 ROSENBERGER-53K401-115N5 Datasheet
43Kb / 2P
   PANEL JACK
logo
Winchester Electronics ...
KD-19-72 WINCHESTER-KD-19-72 Datasheet
47Kb / 1P
   PANEL JACK
logo
Rosenberger Hochfrequen...
64K401-273B1 ROSENBERGER-64K401-273B1 Datasheet
306Kb / 2P
   Panel Jack
53QK40A-500N5 ROSENBERGER-53QK40A-500N5 Datasheet
83Kb / 2P
   PANEL JACK
53K403-200N5 ROSENBERGER-53K403-200N5 Datasheet
42Kb / 2P
   PANEL JACK
64K401-200B1 ROSENBERGER-64K401-200B1 Datasheet
131Kb / 2P
   Panel Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com