Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-343DC Datasheet(PDF) 2 Page - Rohm

Part # SLR-343DC
Description  STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-343DC Datasheet(HTML) 2 Page - Rohm

  SLR-343DC Datasheet HTML 1Page - Rohm SLR-343DC Datasheet HTML 2Page - Rohm SLR-343DC Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CONVENTIONAL LED LAMPS
Electrical Characteristic Curves
20
10
5.0
2.0
1.0
0.5
0.2
0.1
1.5
1.0
2.0
2.5
3.0
50
FORWARD VOLTAGE : VF
(V)
Ta=25℃
Forward Current - Forward Voltage
Derating
20
10
0
20
30
40
50
60
70
80
90
30
AMBIENT TEMPERATURE : Ta
(℃)
SLR-343MC
SLR-343MG
SLR-343YC
SLR-343YY
SLR-343DC
SLR-343DU
SLR-343VC
SLR-343VR
SLR-343MC
SLR-343MG
SLR-343YC
SLR-343YY
SLR-343DC
SLR-343DU
SLR-343VC
SLR-343VR
SLR-343MC
SLR-343MG
SLR-343YC
SLR-343YY
SLR-343DC
SLR-343DU
SLR-343VC
SLR-343VR
Relative Luminous Intensity - Case Temperature
1.4
1.2
1.0
0.8
0.6
0.4
−20
0
20
40
60
80
CASE TEMPERATURE
(℃)
SLR-343MC
SLR-343MG
SLR-343YC
SLR-343YY
SLR-343DC
SLR-343DU
SLR-343VC
SLR-343VR
Relative Luminous Intensity - Forward Current
Ta=25℃
10
1
0.1
1
10
100
0.1
FORWARD CURRENT : IF
(
mA)
SLR-343MC
SLR-343MG
SLR-343YC
SLR-343YY
SLR-343DC
SLR-343DU
SLR-343VC
SLR-343VR
Ratio of Maximum Tolerable Peak Current - Pulse Duration
1
10
3
2.4
10
1
100
1000
10000
PULSE DURATION : Tw
(usec)


Similar Part No. - SLR-343DC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-343DC ROHM-SLR-343DC Datasheet
54Kb / 6P
   Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-343DC ROHM-SLR-343DC Datasheet
164Kb / 5P
   Competent to direct mount
SLR-343DC ROHM-SLR-343DC Datasheet
176Kb / 5P
   SLR-343 Series
SLR-343DC ROHM-SLR-343DC Datasheet
164Kb / 5P
   Electrical Characteristics Curves
SLR-343DC ROHM-SLR-343DC Datasheet
167Kb / 6P
   Viewing angle 20 1/2 40
More results

Similar Description - SLR-343DC

ManufacturerPart #DatasheetDescription
logo
Rohm
SPR-39 ROHM-SPR-39 Datasheet
121Kb / 3P
   Dual-Color Type 3.1 Circular Type LED Lamps
SLR343 ROHM-SLR343 Datasheet
206Kb / 3P
   HIGH BRIGHTNESS TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLA-370 ROHM-SLA-370 Datasheet
197Kb / 3P
   High Brightness Type PI 3.1 Circular Type LED Lamps
SLI-343P8C ROHM-SLI-343P8C Datasheet
185Kb / 5P
   3.1(T-1) Circular Type Standard Type
SLI-343 ROHM-SLI-343 Datasheet
407Kb / 3P
   High Brightness Type 3.1 Circular Type LED Lamps
SLI-343W ROHM-SLI-343W Datasheet
219Kb / 3P
   Low Current Type 3.1 Circular Type LED Lamps
SPR-54 ROHM-SPR-54 Datasheet
107Kb / 3P
   Dual-Color Type 5.0 Circular Type LED Lamps
SLI-560YT ROHM-SLI-560YT Datasheet
252Kb / 3P
   High Brightness Type pi=5.0 Circular Type LED Lamps
SLB-25 ROHM-SLB-25 Datasheet
227Kb / 3P
   Standard Type Square Type LED Lamps
SLA-360MT ROHM-SLA-360MT Datasheet
141Kb / 3P
   3.1(T-1) Circular Type High Brightness Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com