Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL355BEZ-RL Datasheet(PDF) 6 Page - Analog Devices

Part # ADXL355BEZ-RL
Description  Hermetic package offers excellent long-term stability
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL355BEZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL355BEZ-RL Datasheet HTML 2Page - Analog Devices ADXL355BEZ-RL Datasheet HTML 3Page - Analog Devices ADXL355BEZ-RL Datasheet HTML 4Page - Analog Devices ADXL355BEZ-RL Datasheet HTML 5Page - Analog Devices ADXL355BEZ-RL Datasheet HTML 6Page - Analog Devices ADXL355BEZ-RL Datasheet HTML 7Page - Analog Devices ADXL355BEZ-RL Datasheet HTML 8Page - Analog Devices ADXL355BEZ-RL Datasheet HTML 9Page - Analog Devices ADXL355BEZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
ADXL354/ADXL355
Data Sheet
Rev. 0 | Page 6 of 42
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
AC INPUT LEVELS
SCLK Frequency
0.1
10
MHz
SCLK High Time
tHIGH
40
ns
SCLK Low Time
tLOW
40
ns
CS Setup Time
tCSS
20
ns
CS Hold Time
tCSH
20
ns
CS Disable Time
tCSD
40
ns
Rising SCLK Setup Time
tSCLKS
20
ns
MOSI Setup Time
tSU
20
ns
MOSI Hold Time
tHD
20
ns
AC OUTPUT LEVELS
Propagation Delay
tP
CLOAD = 30 pF
30
ns
Enable MISO Time
tEN
30
ns
Disable MISO Time
tDIS
20
ns
tSU
tCSS
tLOW
tHIGH
tCSD
tCSH
tSCLKS
tEN
tP
tDIS
CS
SCLK
MISO
MOSI
tHD
Figure 3. SPI Interface Timing Diagram
I2C DIGITAL INTERFACE CHARACTERISTICS FOR THE ADXL355
Note that multifunction pin names may be referenced by their relevant function only.
Table 4.
Test Conditions/
I2C_HS = 0 (Fast Mode)
I2C_HS = 1 (High Speed Mode)
Parameter
Symbol
Comments
Min
Typ
Max
Min
Typ
Max
Unit
DC INPUT LEVELS
Input Voltage
Low Level
VIL
0.3 × VDDIO
0.3 × VDDIO
V
High Level
VIH
0.7 × VDDIO
0.7 × VDDIO
V
Hysteresis of Schmitt
Trigger Inputs
VHYS
0.05 × VDDIO
0.1 × VDDIO
μA
Input Current
IIL
0.1 × VDDIO < VIN <
0.9 × VDDIO
−10
+10
μA
DC OUTPUT LEVELS
Output Voltage
IOL = 3 mA
Low Level
VOL1
VDD > 2 V
0.4
V
VOL2
VDD ≤ 2 V
0.2 × VDDIO
V
Output Current
Low Level
IOL
VOL = 0.4 V
20
mA
VOL = 0.6 V
6
mA


Similar Part No. - ADXL355BEZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Similar Description - ADXL355BEZ-RL

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com