Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR444 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR444
Description  Devices Connected
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR444 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR444 Datasheet HTML 2Page - Analog Devices ADR444 Datasheet HTML 3Page - Analog Devices ADR444 Datasheet HTML 4Page - Analog Devices ADR444 Datasheet HTML 5Page - Analog Devices ADR444 Datasheet HTML 6Page - Analog Devices ADR444 Datasheet HTML 7Page - Analog Devices ADR444 Datasheet HTML 8Page - Analog Devices ADR444 Datasheet HTML 9Page - Analog Devices ADR444 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Circuit Note
CN-0269
Rev. 0 | Page 6 of 12
The simulation result is shown in Figure 8. From the simulation
result, the settling of the circuit shown in Figure 7 is:
tS_MUX = 10.1300 – 8.0011 = 2.129 µs
Figure 8. Pre-Filter, Multiplexer, and AD8065 Input Settling Time Simulation
Because the multiplexer settling time is 2.1 µs, this will limit the
maximum throughput rate per channel to 476 kSPS (1/2.1 µs),
even if the multiplexer was the only element in the signal chain.
Since the settling time contributions of each stage in the signal
chain add on an rss basis, stages having settling times of less
than approximately 2.1 µs ÷ 3 = 700 ns will have a minimum
effect on the total settling time.
Settling Time for AD8065 Buffer and AD8475
Attenuation Stages
The settling time of an amplifier is defined as the time it takes the
output to respond to a step change at the input and come into and
remain within a defined error band, as measured relative to the
50% point of the input pulse, as shown in Figure 9.
Figure 9. Settling Time of an Op Amp
The error band is usually defined to be a specific percentage of the
step, such as 0.1%, 0.01%, 0.001%, etc. As shown in Figure 9, the
dead time, slew time, and recovery time together constitute the
total settling time.
For a high speed fast settling op amp, such as AD8065, the dead
time is only a small percentage of the total settling time and can
usually be ignored.
Op amp settling time is nonlinear; it may take 30 times as long
to settle to 0.01% as to 0.1%. Thermal effects within the op amp
can cause the op amp to take hundreds of microseconds to settle to
0.01%, although 0.1% settling may be less than 100 ns. Some op
amps that have a settling time specified to 0.1% may never settle
to 0.01% or 0.001% due to low amplitude ringing and/or long
term thermal effects.
Settling time is also a function of the op amp closed-loop gain and
the feedback network, as well as the compensation. Settling time
depends on the amplitude of the output voltage step. A large
output step generally has a longer settling time than a small one.
Measuring 0.01% or 0.001% settling time for a 10 V or 20 V output
step is an extremely difficult task due to the effects of oscilloscope
overdrive, sensitivity, and the difficulty of generating an input pulse
that settles to the required accuracy.
The AD8065 op amp has a 0.1% settling time specification of
250 ns for a 10 V output step and a slew rate of 180 V/µs. The
slew time for the output to swing 10 V is approximately 55 ns,
and the slew time for a 20 V output step is approximately
110 ns. We can estimate the 0.1 % settling time for a 20 V step
by adding the additional slew time to the specification for a
10 V step, and obtain approximately 250 ns + 55 ns = 305 ns.
Based on empirical data, we will assume the 0.01% settling time
is approximately 600 ns for a 20 V output step.
The AD8475 differential attenuating amplifier has a settling
time specification of 50 ns to 0.0001%, and a slew rate of
50 V/µs for a 2 V output step. In the circuit, the output is 8 V, so
assuming that the settling time is proportional to the output
voltage step, the 8 V settling time will be approximately 200 ns.
Settling Time for the Noise Filter and the AD7984 ADC
The AD7984 ADC is a member of the PulSAR® family and is
based on a charge-redistribution digital-to-analog converter
capacitive DAC. The output code is determined in two phases.
The first phase is the acquisition phase. The internal capacitive
DAC is switched to the ADC input pins in order to acquire the
signal. The external support circuitry driving the ADC input
must be able to settle to the required voltage at the end of
acquisition phase. The ADC then enters the conversion phase,
and the capacitive DAC is disconnected from the input. The
conversion is then performed during this phase using the SAR
conversion algorithm.
The equivalent analog input circuit combined with the external
RC filter is shown in Figure 10. The REXT and CEXT are the
external filter in front of the ADC, which is 10 Ω and 2.2 nF in
this circuit. The pin capacitance (CPIN) of several pF can be
ignored because of the large CEXT.The value of RIN is typically
400 Ω, and CIN is typically 30 pF.
Figure 10. AD7984 Input Equivalent Circuit
–2.9
7
8
9
10
TIME (µs)
11
12
13
1.5
5.9
10.3
14.7
19.1
28.0
23.6
(8.0011µ –10)
(10.13µ 10)
MUX_CTRL
OUTPUT
2
1
ERROR
BAND
FINAL
SETTLING
RECOVERY
TIME
SLEW
TIME
SETTLING TIME
DEAD
TIME
CPIN
REF
RIN
CIN
D1
D2
IN+ OR IN–
GND
GND
GND
REXT
CEXT
AD7984


Similar Part No. - ADR444

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR444 AD-ADR444 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR444 AD-ADR444 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR444A AD-ADR444A Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR444A AD-ADR444A Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR444ARMZ AD-ADR444ARMZ Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
More results

Similar Description - ADR444

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN0221 AD-CN0221 Datasheet
418Kb / 5P
   Devices Connected
CN0216 AD-CN0216 Datasheet
603Kb / 5P
   Devices Connected
CN0385 AD-CN0385 Datasheet
532Kb / 13P
   Devices Connected
CN0253 AD-CN0253 Datasheet
135Kb / 4P
   Devices Connected
CN0357 AD-CN0357 Datasheet
223Kb / 5P
   Devices Connected
CN0388 AD-CN0388 Datasheet
503Kb / 5P
   Devices Connected
CN0267 AD-CN0267 Datasheet
336Kb / 8P
   Devices Connected
CN0287 AD-CN0287 Datasheet
476Kb / 9P
   Devices Connected
CN0326 AD-CN0326 Datasheet
519Kb / 7P
   Devices Connected
CN0336 AD-CN0336 Datasheet
301Kb / 7P
   Devices Connected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com