Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4807-2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4807-2
Description  Devices Connected
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4807-2 Datasheet HTML 5Page - Analog Devices ADA4807-2 Datasheet HTML 6Page - Analog Devices ADA4807-2 Datasheet HTML 7Page - Analog Devices ADA4807-2 Datasheet HTML 8Page - Analog Devices ADA4807-2 Datasheet HTML 9Page - Analog Devices ADA4807-2 Datasheet HTML 10Page - Analog Devices ADA4807-2 Datasheet HTML 11Page - Analog Devices ADA4807-2 Datasheet HTML 12Page - Analog Devices ADA4807-2 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Circuit Note
CN-0385
Rev. 0 | Page 11 of 13
The mean code error increases as the voltage step size and
channel switching rate increase. This increase is caused by the
combined slew and settling time limitations of the components
in the signal chain. Increasing the step size forces the system to
settle larger changes in voltage and increasing the channel
switching rate decreases the amount of time the system is given
to settle these changes. At sufficiently high step sizes and
switching rates, the mean code error becomes unpredictably
large, as in the gain of 0.4 configuration (see Figure 17 and
Figure 21). This code error is caused by the slew rate limitations
of the input buffer amplifiers in the AD8251 in-amp.
The performance of the system when using the ac source was
evaluated by comparing its THD with respect to the channel
switching rate. The AP SYS-2712 provided a full-scale sine wave
input on one channel and an inverted version of the sine wave
on another channel. THD was measured for various sample
rates, ranging from 25 kSPS to 1.5 MSPS in 25 kSPS increments.
Figure 25 shows the THD measured for each of the channels in
each of the gain configurations.
Figure 25. THD vs. ADG5207 Channel Switching Rate for Full-Scale
1 kHz Input
The THD performance of the system begins to degrade at
roughly 700 kSPS (depending on the gain configuration). The
whole signal chain SNR and THD performance is mainly
limited by the PGA AD8251. A smaller RC filter at the front of
AD4003 also gives better THD at higher channel switching
sampling rate.
COMMON VARIATIONS
The AD4003 ADC is pin-for-pin compatible with various
other 14-bit, 16-bit, and 18-bit, 10-lead precision SAR ADCs
that can be used in the CN-0385 system. The ADG1207, with
wider bandwidth, can be an alternative to the ADG5207. The
ADG5248F, with fault protection and detection function, can
be used for single-ended inputs. The AD8475 provides a
differential output signal for other differential ADCs, such as
the AD7690. The ADA4805-1 op amp is an alternative for the
AD8475 when driving pseudo differential or single-ended
ADCs, such as the AD4000. Other Analog Devices, Inc., LDOs,
such as the ADP7102 and ADP7142, can replace the ADP7118.
CIRCUIT EVALUATION AND TEST
This circuit uses the EVAL-CN0385-FMCZ circuit board and
the EVAL-SDP-CH1Z SDP-H1 system demonstration platform
controller board. The two boards have 160-pin mating connectors,
allowing quick setup and evaluation of the performance of the
circuit. The circuit board contains the circuit to be evaluated, as
described in this circuit note, and the SDP-H1 controller board
is used with the CN-0385 Evaluation Software to capture the data
from the circuit board.
Equipment Needed
The following equipment is needed:
PC with a USB port and Windows® XP or Windows Vista®
(32-bit), or Windows 7 (32-bit)
EVAL-CN0385-FMCZ circuit evaluation board
EVAL-SDP-CH1Z SDP-H1 controller board
CN-0385 Evaluation Software (download from
ftp://ftp.analog.com/pub/cftl/CN0385/)
5 V to 12 V dc power supply or wall wart
(9 V wall wart included with EVAL-CN0385-FMCZ board)
USB to micro-USB cable
Low distortion, low output impedance signal generator to
provide ±10 V output
Low noise, high precision dc supply to provide ±10 V output
Getting Started
Download the evaluation software from ftp://ftp.analog.com/
pub/cftl/CN0385/, and then install the software on the PC.
Functional Block Diagram
See Figure 1 for the circuit block diagram and the EVAL-CN0385-
FMCZ-SCH.pdf
file for the complete circuit schematic. This file
is contained in the CN-0385 Design Support Package (available
at www.analog.com/CN0385-DesignSupport). A functional block
diagram of the test setup is shown in Figure 26.
Figure 26. Test Setup Functional Block Diagram
Hardware Setup
Figure 27 shows the EVAL-CN0385-FMCZ evaluation hardware.
Information and details regarding the SDP-H1 board can be
found in the SDP-H1 User Guide.
Connect the 160-pin connector on the circuit board to the J4
connector on the SDP-H1 controller board.
–110
–100
–90
–80
–70
–60
–50
–40
0
200
400
600
800
CHANNEL SWITCHING RATE (kHz)
GAIN = 0.4dB
GAIN = 0.8dB
GAIN = 1.6dB
GAIN = 3.2dB
EVAL-CN0385-CH1Z
P1
P2/
P8
J1/P3
EVAL-SDP-CH1Z
USB
PC
5V TO 12V
POWER
AC/DC
SOURCE(S)


Similar Part No. - ADA4807-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4807-2 AD-ADA4807-2 Datasheet
748Kb / 33P
   3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
ADA4807-2ACPZ-EBZ AD-ADA4807-2ACPZ-EBZ Datasheet
748Kb / 33P
   3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
ADA4807-2ACPZ-R2 AD-ADA4807-2ACPZ-R2 Datasheet
748Kb / 33P
   3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
ADA4807-2ACPZ-R7 AD-ADA4807-2ACPZ-R7 Datasheet
748Kb / 33P
   3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
ADA4807-2ARMZ AD-ADA4807-2ARMZ Datasheet
748Kb / 33P
   3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
More results

Similar Description - ADA4807-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN0221 AD-CN0221 Datasheet
418Kb / 5P
   Devices Connected
CN0216 AD-CN0216 Datasheet
603Kb / 5P
   Devices Connected
CN0253 AD-CN0253 Datasheet
135Kb / 4P
   Devices Connected
CN0357 AD-CN0357 Datasheet
223Kb / 5P
   Devices Connected
CN0388 AD-CN0388 Datasheet
503Kb / 5P
   Devices Connected
CN0269 AD-CN0269 Datasheet
1Mb / 12P
   Devices Connected
CN0267 AD-CN0267 Datasheet
336Kb / 8P
   Devices Connected
CN0287 AD-CN0287 Datasheet
476Kb / 9P
   Devices Connected
CN0326 AD-CN0326 Datasheet
519Kb / 7P
   Devices Connected
CN0336 AD-CN0336 Datasheet
301Kb / 7P
   Devices Connected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com