Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF-BGA24C-B-42F Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SF-BGA24C-B-42F
Description  Primary dimension units are millimeters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SF-BGA24C-B-42F Datasheet(HTML) 1 Page - Ironwood Electronics.

  SF-BGA24C-B-42F Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
1
3
6.00
8.00
4.00
1.0 TYP
TOP VIEW
1.59
2.87±0.25
0.51
FRONT VIEW
PROPRIETARY AND CONFIDENTIAL - THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF IRONWOOD ELECTRONICS, INC. ANY REPRODUCTION IN PART OR AS A WHOLE
WITHOUT THE WRITTEN PERMISSION OF IRONWOOD ELECTRONICS, INC. IS PROHIBITED.
U.S. Patent No. 8,091,222 B2
ITEM NO.
DESCRIPTION
Material
1
SF Pin Substrate
FR4 High temp
2
P-S519A, Socket Pin, 1.0mm
centers minimum, #4 clip
N/A
3
Solder Ball, ROHS Compliant
0.024" Dia
See table
PART NO.
SUFFIX
SOLDER BALL ALLOY
-42
Sn63Pb37
-42F*
Sn96.5Ag3.0Cu0.5
*RoHS Compliant
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: BGA Surface Mount Foot
24 positions 5x5 array 1.00 mm pitch receptacles to solder balls
Primary dimension units are millimeters, Secondary dimension units are [inches].
STATUS: Released
REV. A
DATE: 01/14/2014
Material: N/A
Finish: N/A
Weight: N/A
SCALE: 7:1
SHEET: 1 OF 1
ENG: E. Smolentseva
FILE: SF-BGA24C-B-42 Dwg
SF-BGA24C-B-42 Drawing
SF-BGA24C-B-42F Drawing


Similar Part No. - SF-BGA24C-B-42F

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SF-BGA240L-B-61 IRONWOOD-SF-BGA240L-B-61 Datasheet
65Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA240L-B-61F IRONWOOD-SF-BGA240L-B-61F Datasheet
118Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA240L-B-64 IRONWOOD-SF-BGA240L-B-64 Datasheet
419Kb / 2P
   Primary dimension units are millimeters
SF-BGA240N-B-61 IRONWOOD-SF-BGA240N-B-61 Datasheet
111Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA240N-B-61F IRONWOOD-SF-BGA240N-B-61F Datasheet
67Kb / 1P
   Materials and specifications are subject to change without notice
More results

Similar Description - SF-BGA24C-B-42F

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA196E-15 IRONWOOD-LS-BGA196E-15 Datasheet
140Kb / 1P
   Primary dimension units are millimeters
LS-BGA1440A-05 IRONWOOD-LS-BGA1440A-05 Datasheet
108Kb / 2P
   Primary dimension units are millimeters
LS-BGA1760A-15 IRONWOOD-LS-BGA1760A-15 Datasheet
153Kb / 1P
   Primary dimension units are millimeters
LS-BGA289F-05 IRONWOOD-LS-BGA289F-05 Datasheet
117Kb / 1P
   Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
   Primary dimension units are millimeters
SF-BGA177A-B-64 IRONWOOD-SF-BGA177A-B-64 Datasheet
378Kb / 2P
   Primary dimension units are millimeters
SF-BGA196C-B-42 IRONWOOD-SF-BGA196C-B-42 Datasheet
355Kb / 1P
   Primary dimension units are millimeters
SF-BGA724A-B-42 IRONWOOD-SF-BGA724A-B-42 Datasheet
713Kb / 1P
   Primary dimension units are millimeters
SF-BGA108E-61F IRONWOOD-SF-BGA108E-61F Datasheet
187Kb / 1P
   Primary dimension units are millimeters
SF-BGA56H-B-74 IRONWOOD-SF-BGA56H-B-74 Datasheet
180Kb / 1P
   Primary dimension units are millimeters
SF-BGA71A-B-64 IRONWOOD-SF-BGA71A-B-64 Datasheet
210Kb / 2P
   Primary dimension units are millimeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com