Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2802CQL-T1028 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT2802CQL-T1028
Description  5V/2.5A Backup Battery Pack Manager
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802CQL-T1028 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT2802CQL-T1028 Datasheet HTML 4Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 5Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 6Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 7Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 8Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 9Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 10Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 11Page - Active-Semi, Inc ACT2802CQL-T1028 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 8 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
PB Internal Pull-up Resistor
3
MΩ
Flashlight Driver
Flashlight Voltage UVLO
Flashlight rising,
ACT2802BQL-T1028/ACT2802CQL-T1028
3.3
V
Flashlight Voltage UVLO Threshold
Flashlight falling,
ACT2802BQL-T1028/ACT2802CQL-T1028
2.9
V
Flashlight Driver Current
The current at FLD pin,
ACT2802BQL-T1028/ACT2802CQL-T1028
50
mA
PB Turn on Flashlight Time
ACT2802BQL-T1028/ACT2802CQL-T1028
3.0
s
PB Turn off Flashlight Time
ACT2802BQL-T1028/ACT2802CQL-T1028
3.0
s
ELECTRICAL CHARACTERISTICS
(VIN = 5V, TA = 25°C, unless otherwise specified.)


Similar Part No. - ACT2802CQL-T1028

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2802CQL-T1028 ACTIVE-SEMI-ACT2802CQL-T1028 Datasheet
897Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
More results

Similar Description - ACT2802CQL-T1028

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
   5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2801 ACTIVE-SEMI-ACT2801_17 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801_16 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
logo
Analog Devices
LTC4041 AD-LTC4041 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com