Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2823QJ-T1435 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT2823QJ-T1435
Description  Dual Cell Li-Ion Battery Charger and Power Bank Manager
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2823QJ-T1435 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT2823QJ-T1435 Datasheet HTML 5Page - Active-Semi, Inc ACT2823QJ-T1435 Datasheet HTML 6Page - Active-Semi, Inc ACT2823QJ-T1435 Datasheet HTML 7Page - Active-Semi, Inc ACT2823QJ-T1435 Datasheet HTML 8Page - Active-Semi, Inc ACT2823QJ-T1435 Datasheet HTML 9Page - Active-Semi, Inc ACT2823QJ-T1435 Datasheet HTML 10Page - Active-Semi, Inc ACT2823QJ-T1435 Datasheet HTML 11Page - Active-Semi, Inc ACT2823QJ-T1435 Datasheet HTML 12Page - Active-Semi, Inc ACT2823QJ-T1435 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ACT2823
REV 1, 01-DEC-2016
Innovative PowerTM
ActiveSwitcherTM
is a trademark of Active-Semi.
9
I2C PROGRAMMABLE PARAMETER LIST
ITEMS
STEP/STATUS
DEFAULT
Input Current Limit and Q1
Input Current Limit
0.6A,1.25A, 2.75A, 3.8A
3.8A
VIN UVLO
4.2V, 4.5V
4.2V
Buck Converter/Discharge Mode
Discharge Cut-Off Voltage
5.4V, 5.6V, 5.8V, 6.0V
5.8V
VOUT Voltage
5.07V, 5.12V, 5.17V, 5.22V
5.07V
Boost Converter/Charge Mode
Battery EOC Voltage
8.7V, 8.4V, 8.3V, 8.2V
8.4V (ACT2823QJ-T1000)
8.7V (ACT2823QJ-T1435)
Pre-charge voltage threshold
5.6V, 6.0V
5.6V
Pre-charge Current
10%, 15%, 20%, 25%
15%
EOC Current
6%, 10%, 14%, 18%
10%
Fast charge current
60%, 80%, 100%, 120%
100%
System
VREG ON/OFF in HZ Mode
ON, OFF
OFF


Similar Part No. - ACT2823QJ-T1435

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2823QJ-T1435 ACTIVE-SEMI-ACT2823QJ-T1435 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
More results

Similar Description - ACT2823QJ-T1435

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
   Multi-Cell Li-Ion Battery Manager
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
   Multi-Cell Li-Ion Battery Manager
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
   1-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
   Multi-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212INZ INTERSIL-ISL94212INZ Datasheet
2Mb / 96P
   Multi-Cell Li-Ion Battery Manager
April 23, 2015
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
   Multi-Cell Li-Ion Battery Manager
January 20, 2015
logo
Renesas Technology Corp
ISL78610 RENESAS-ISL78610 Datasheet
3Mb / 100P
   Multi-Cell Li-Ion Battery Manager
ISL94212 RENESAS-ISL94212 Datasheet
3Mb / 96P
   Multi-Cell Li-Ion Battery Manager
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com