Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4524 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT4524
Description  40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4524 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT4524_16 Datasheet HTML 7Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 8Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 9Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 10Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 11Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 12Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 13Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 14Page - Active-Semi, Inc ACT4524_16 Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ACT4524
Rev 1.1, 22-Feb-16
Innovative PowerTM
- 11 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
BOM List for 5V/4.8A Car Charger
ITEM
REFERENCE
DESCRIPTION
MANUFACTURER
QTY
1
U1,U2
IC, ACT4524YH-T, SOP-8EP
Active-Semi
2
2
L1,L2
Inductor, 40µH, 6.0A, 20%, DCR=15mΩ
Murata, TDK
2
3
D1,D2
Diode, Schottky, 40V/5A, S54
Vishay
2
4
C1
Capacitor, Electrolytic, 47uF/35V, 6.3х7mm
Murata, TDK
1
5
C2,C9
Capacitor, Ceramic, 0.1µF/35V, 0805, SMD
Murata, TDK
2
6
C3,C10
Capacitor, Ceramic, 10µF/35V, 1206, SMD
Murata, TDK
2
7
C4,C11
Capacitor, Ceramic, 22nF/25V, 0603, SMD
Murata, TDK
2
8
C5,C12
Capacitor, Ceramic, 2.2nF/10V, 0603, SMD, optional
Murata, TDK
2
9
C6,C13
Capacitor, Ceramic, 10uF/10V, 1206, SMD
Murata, TDK
2
10
C7,C14
Capacitor, Electrolytic, 220uF/10V, 6.3х7mm
Murata, TDK
2
11
C8,C15
Capacitor, Ceramic, 2.2µF/10V, 0805, SMD
Murata, TDK
2
12
R1,R8
Chip Resistor, 0Ω, 1/10W, 5%, 0603
Murata, TDK
2
13
R2,R9
Chip Resistor, 5.1Ω, 1/8W, 5%, 0805, optional
Murata, TDK
3
14
Rcs1,Rcs2
Chip Resistor, 25mΩ, 1/4W, 1%, 1206
Murata, TDK
2
15
R3, R4,R10,R11 Chip Resistor, 49.9kΩ, 1/10W, 5%, 0603
Murata, TDK
4
16
R5, R6,R12,R13 Chip Resistor, 43.2kΩ, 1/10W, 5%, 0603
Murata, TDK
4
17
R7
Chip Resistor, 82kΩ, 1/10W, 5%, 0603
Murata, TDK
1
18
USB
USB Rev A
2


Similar Part No. - ACT4524_16

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4524YH-T ACTIVE-SEMI-ACT4524YH-T Datasheet
378Kb / 16P
   40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 0, 28-Jul-15
More results

Similar Description - ACT4524_16

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
EA4524YH ACTIVE-SEMI-EA4524YH Datasheet
1Mb / 16P
   40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 1.1, 22-Feb-16
ACT4524 ACTIVE-SEMI-ACT4524 Datasheet
378Kb / 16P
   40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 0, 28-Jul-15
ACT4525 ACTIVE-SEMI-ACT4525_17 Datasheet
648Kb / 12P
   40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 3, 06-Jan-2017
logo
Analog Microelectronics
AME5235 AME-AME5235 Datasheet
794Kb / 15P
   40V 3.5A Buck Converter
logo
Active-Semi, Inc
ACT4525 ACTIVE-SEMI-ACT4525 Datasheet
1Mb / 11P
   40V/3.5A CV/CC Buck Converter with USB Auto ?밆etect
Rev 1.1, December 17th, 2015
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
   Output over voltage, short circuit, and over current protection
logo
PREMA Semiconductor.
PR4102 PREMA-PR4102 Datasheet
335Kb / 8P
   Buck Converter with controlled Output Current
logo
Linear Technology
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com