Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4526YH-T Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT4526YH-T
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4526YH-T Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT4526YH-T Datasheet HTML 1Page - Active-Semi, Inc ACT4526YH-T Datasheet HTML 2Page - Active-Semi, Inc ACT4526YH-T Datasheet HTML 3Page - Active-Semi, Inc ACT4526YH-T Datasheet HTML 4Page - Active-Semi, Inc ACT4526YH-T Datasheet HTML 5Page - Active-Semi, Inc ACT4526YH-T Datasheet HTML 6Page - Active-Semi, Inc ACT4526YH-T Datasheet HTML 7Page - Active-Semi, Inc ACT4526YH-T Datasheet HTML 8Page - Active-Semi, Inc ACT4526YH-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ACT4526
Rev 2, 06-Jan-2017
Innovative Power
TM
- 5 -
www.active-semi.com
Copyright
©
2
0
1
5
-2017 Active-Semi, Inc.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Out Voltage Ripples
Cout=470uF/22uF ceramic
80
mV
VOUT Discharge Current
For high to lower voltage transi-
tions
60
mA
Voltage transition time for QC 2.0
transition
12V-5V
100
ms
Voltage transition time for QC 2.0
transition
5V-12V
100
ms
Line Transient Response
Input 12V-40V-12V with 1V/us
slew rate, Vout=5V, Iload=0A
and 2.4A
4.75
5.25
V
Load Transient Response
Vout=5V
80mA-1.0A-80mA load with
0.1A/us slew rate
4.9
5.15
5.4
V
Vout=9V
80mA-1.0A-80mA load with
8.7
9.1
9.5
V
Vout=12V
80mA-1.0A-80mA load with
11.6
12.1
12.6
V
Thermal Shut Down
160
°
C
Thermal Shut Down Hysteresis
30
°
C
ESD of DP, DM
HBM
8
kV
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA = 25
°
C
,
u
n
l
e
s
s
o
t
h
e
r
w
i
s
e
s
p
e
c
i
f
i
e
d
.
)


Similar Part No. - ACT4526YH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4526YH-T ACTIVE-SEMI-ACT4526YH-T Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 1.2, December 28th, 2015
ACT4526YH-T ACTIVE-SEMI-ACT4526YH-T Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
More results

Similar Description - ACT4526YH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
EA4526YH ACTIVE-SEMI-EA4526YH Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
ACT4526 ACTIVE-SEMI-ACT4526 Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 1.2, December 28th, 2015
ACT4528 ACTIVE-SEMI-ACT4528 Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 1.2, December 28th, 2015
ACT4528 ACTIVE-SEMI-ACT4528_16 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 2, 06-Jan-2016
ACT4529 ACTIVE-SEMI-ACT4529_17 Datasheet
1Mb / 15P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 4, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4530 ACTIVE-SEMI-ACT4530 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 19-Nov-2018
ACT4529M ACTIVE-SEMI-ACT4529M Datasheet
2Mb / 15P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com