Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4529YH-T0001 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT4529YH-T0001
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4529YH-T0001 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT4529YH-T0001 Datasheet HTML 6Page - Active-Semi, Inc ACT4529YH-T0001 Datasheet HTML 7Page - Active-Semi, Inc ACT4529YH-T0001 Datasheet HTML 8Page - Active-Semi, Inc ACT4529YH-T0001 Datasheet HTML 9Page - Active-Semi, Inc ACT4529YH-T0001 Datasheet HTML 10Page - Active-Semi, Inc ACT4529YH-T0001 Datasheet HTML 11Page - Active-Semi, Inc ACT4529YH-T0001 Datasheet HTML 12Page - Active-Semi, Inc ACT4529YH-T0001 Datasheet HTML 13Page - Active-Semi, Inc ACT4529YH-T0001 Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ACT4529
Rev 4, 06-Jan-2017
Innovative Power
TM
- 10 -
www.active-semi.com
Copyright
©
2
0
1
5
-2017 Active-Semi, Inc.
APPLICATIONS INFORMATION
PCB Layout Guidance
When laying out the printed circuit board, the
following checklist should be used to ensure proper
operation of the IC.
1) Arrange the power components to reduce the
AC loop size consisting of CIN, VIN pin, SW pin
and the Schottky diode.
2) The high power loss components, e.g. the
controller, Schottky diode, and the inductor
should be placed carefully to make the thermal
spread evenly on the board.
3) Place input decoupling ceramic capacitor CIN as
close to VIN pin as possible. CIN should be
connected to power GND with several vias or
short and wide copper trace.
4) Schottky anode pad and IC exposed pad
should be placed close to ground clips in CLA
applications
5) Use
K
e
l
v
i
n
o
r
4
-wire
c
o
n
n
e
c
t
i
o
n
t
e
c
h
n
i
q
u
e
s
from the sense resistor pads directly to the CSP
and CSN pins. The CSP and CSN traces
should be in parallel to avoid interference.
6) Place multiple vias between top and bottom
GND planes for best heat dissipation and noise
immunity.
7) Use short traces connecting HSB-CHSB-SW
loop.
8) SW pad is noise node switching from VIN to
GND. It should be isolated away from the rest
of circuit for good EMI and low noise operation.
Example PCB Layout


Similar Part No. - ACT4529YH-T0001

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4529YH-T0001 ACTIVE-SEMI-ACT4529YH-T0001 Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
More results

Similar Description - ACT4529YH-T0001

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4529 ACTIVE-SEMI-ACT4529 Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
Rev 1, October 13th, 2015
ACT4530 ACTIVE-SEMI-ACT4530 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 19-Nov-2018
ACT4529M ACTIVE-SEMI-ACT4529M Datasheet
2Mb / 15P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1, 23-Feb-17
ACT4530M ACTIVE-SEMI-ACT4530M Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
Rev 1.0, 04-Jan-2019
ACT4528 ACTIVE-SEMI-ACT4528 Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 1.2, December 28th, 2015
ACT4528 ACTIVE-SEMI-ACT4528_16 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 and USB Auto-Detect
Rev 2, 06-Jan-2016
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4526 ACTIVE-SEMI-ACT4526_17 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com