Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC311LP3 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC311LP3
Description  Microwave Radio
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC311LP3 Datasheet(HTML) 6 Page - Analog Devices

  HMC311LP3 Datasheet HTML 1Page - Analog Devices HMC311LP3 Datasheet HTML 2Page - Analog Devices HMC311LP3 Datasheet HTML 3Page - Analog Devices HMC311LP3 Datasheet HTML 4Page - Analog Devices HMC311LP3 Datasheet HTML 5Page - Analog Devices HMC311LP3 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC311LP3 / 311LP3E
v05.1213
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 6 GHz
Evaluation PCB
The circuit board used in the final application
should use RF circuit design techniques. Signal
lines should have 50 Ohm impedance while the
package ground leads and exposed paddle should
be connected directly to the ground plane similar to
that shown. A sufficient number of via holes should
be used to connect the top and bottom ground
planes. The evaluation board should be mounted
to an appropriate heat sink. The evaluation circuit
board shown is available from Hittite upon request.
List of Materials for Evaluation PCB 106789 [1]
Item
Description
J1 - J2
PC Mount SMA Connector
J3
2 mm DC Header
C1, C2
Capacitor, 0402 Pkg.
C3
10,000 pF Capacitor, 0805 Pkg.
R1
22 Ohm Resistor, 0805 Pkg.
L1
Inductor, 0805 Pkg.
U1
HMC311LP3 / HMC311LP3E
PCB [2]
106493 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
Pin Number
Description
1, 2, 3
Vs
4, 5, 6
GND
J3
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC311LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC311LP3 HITTITE-HMC311LP3 Datasheet
264Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC311LP3 HITTITE-HMC311LP3 Datasheet
233Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC311LP3 HITTITE-HMC311LP3 Datasheet
227Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
logo
Analog Devices
HMC311LP3 AD-HMC311LP3 Datasheet
320Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
logo
Hittite Microwave Corpo...
HMC311LP3E HITTITE-HMC311LP3E Datasheet
233Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
More results

Similar Description - HMC311LP3

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
   Microwave Radio
HMC553 MICROSS-HMC553 Datasheet
864Kb / 9P
   Microwave Radio
HMC556 MICROSS-HMC556 Datasheet
885Kb / 9P
   Microwave Radio
HMC203 MICROSS-HMC203 Datasheet
753Kb / 7P
   Microwave Radio
logo
Analog Devices
HMC636ST89 AD-HMC636ST89 Datasheet
393Kb / 6P
   Microwave Radio
logo
Micross Components
HMC557 MICROSS-HMC557 Datasheet
876Kb / 9P
   Microwave Radio
HMC554 MICROSS-HMC554 Datasheet
874Kb / 9P
   Microwave Radio
HMC558 MICROSS-HMC558 Datasheet
878Kb / 9P
   Microwave Radio
logo
Analog Devices
HMC311ST89 AD-HMC311ST89 Datasheet
356Kb / 6P
   Microwave Radio
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
   42 GHz Microwave Radio
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com