Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1301 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TC1301
Description  Low Noise and Medium Power GaAs FETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC1301 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TC1301 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC1301 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC1301 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC1301 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC1301 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC1301 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TC1301
REV.2_04/12/2004
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 6 / 6
LARGE SIGNAL MODEL, VDS = 6 V, IDS =80 mA
TOM2 MODEL PARAMETERS
Parameters
Parameters
VTO
-0.43283 V
VMAX
0.5 V
ALPHA
9.54
CGD
0.0554 pF
BETA
0.49
CGS
6.018 pF
GAMMA
0.0416
CDS
0.1599 pF
DELTA
0.3091
RIS
5.755 Ohm
Q
0.84
RID
0.001 Ohm
NG
0.1
VBR
9 V
ND
0.01
RDB
94.333 Ohm
TAU
5.558 ps
CBS
0.0463 pF
RG
2.0833 Ohm
TNOM
25
°C
RD
1.358 Ohm
LS
0.01893 nH
RS
1.662 Ohm
LG
0.0576 nH
IS
1E-11 mA
LD
0.038 nH
N
1
AFAC
1
VBI
1 V
NFING
1
VDELTA
0.2 V
CHIP HANDLING
DIE ATTACHMENT: Conductive epoxy or eutectic die attach is recommended. Eutectic die attach can be
accomplished with Au-Sn (80%Au-20%Sn) perform at stage temperature: 290
°C ± 5°C; Handling Tool:
Tweezers; Time: less than 1min.
WIRE BONDING: The recommended wire bond method is thermocompression bonding with 0.7 to 1.0 mil
(0.018 to 0.025 mm) gold wire. Stage temperature: 220
°C to 250°C; Bond Tip Temperature: 150°C; Bond Force:
20 to 30 gms depending on size of wire and Bond Tip Temperature.
HANDLING PRECAUTIONS: The user must operate in a clean, dry environment. Care should be exercised
during handling avoid damage to the devices. Electrostatic Discharge (ESD) precautions should be observed at
all stages of storage, handling, assembly, and testing. The static discharge must be less than 300V.
Cgs
Cgd
Cds
Rg
Rd
Rdb
Ris
Rs
Id
Lg
Ld
Ls
Cbs
Rid
SCHEMATIC


Similar Part No. - TC1301

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
TC1301A MICROCHIP-TC1301A Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
TC1301A MICROCHIP-TC1301A Datasheet
665Kb / 28P
   Dual LDO with Microcontroller RESET Function
01/02/08
TC1301A-ADAVMF MICROCHIP-TC1301A-ADAVMF Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
More results

Similar Description - TC1301

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
TC1304 TRANSCOM-TC1304 Datasheet
261Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101 TRANSCOM-TC1101 Datasheet
250Kb / 5P
   Low Noise and Medium Power GaAs FETs
TC1304V TRANSCOM-TC1304V Datasheet
71Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301V TRANSCOM-TC1301V Datasheet
73Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC2384 TRANSCOM-TC2384 Datasheet
192Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com