Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST39VF1682-70-4I-EKE Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST39VF1682-70-4I-EKE
Description  16 Mbit (x8) Multi-Purpose Flash Plus
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF1682-70-4I-EKE Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST39VF1682-70-4I-EKE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF1682-70-4I-EKE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF1682-70-4I-EKE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF1682-70-4I-EKE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF1682-70-4I-EKE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF1682-70-4I-EKE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF1682-70-4I-EKE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF1682-70-4I-EKE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39VF1682-70-4I-EKE Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Preliminary Specifications
16 Mbit Multi-Purpose Flash Plus
SST39VF1681 / SST39VF1682
9
©2003 Silicon Storage Technology, Inc.
S71243-03-000
11/03
TABLE
7: CFI QUERY IDENTIFICATION STRING1
Address
Data
Data
10H
51H
Query Unique ASCII string “QRY”
11H
52H
12H
59H
13H
01H
Primary OEM command set
14H
07H
15H
00H
Address for Primary Extended Table
16H
00H
17H
00H
Alternate OEM command set (00H = none exists)
18H
00H
19H
00H
Address for Alternate OEM extended Table (00H = none exits)
1AH
00H
T7.1 1243
1. Refer to CFI publication 100 for more details.
TABLE
8: SYSTEM INTERFACE INFORMATION
Address
Data
Data
1BH
27H
VDD Min (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1CH
36H
VDD Max (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1DH
00H
VPP min. (00H = no VPP pin)
1EH
00H
VPP max. (00H = no VPP pin)
1FH
03H
Typical time out for Byte-Program 2N µs (23 = 8 µs)
20H
00H
Typical time out for min. size buffer program 2N µs (00H = not supported)
21H
04H
Typical time out for individual Sector/Block-Erase 2N ms (24 = 16 ms)
22H
05H
Typical time out for Chip-Erase 2N ms (25 = 32 ms)
23H
01H
Maximum time out for Byte-Program 2N times typical (21 x 23 = 16 µs)
24H
00H
Maximum time out for buffer program 2N times typical
25H
01H
Maximum time out for individual Sector/Block-Erase 2N times typical (21 x 24 = 32 ms)
26H
01H
Maximum time out for Chip-Erase 2N times typical (21 x 25 = 64 ms)
T8.1 1243
TABLE
9: DEVICE GEOMETRY INFORMATION
Address
Data
Data
27H
15H
Device size = 2N Bytes (15H = 21; 221 = 2 MByte)
28H
00H
Flash Device Interface description; 00H = x8-only asynchronous interface
29H
00H
2AH
00H
Maximum number of byte in multi-byte write = 2N (00H = not supported)
2BH
00H
2CH
02H
Number of Erase Sector/Block sizes supported by device
2DH
FFH
Sector Information (y + 1 = Number of sectors; z x 256B = sector size)
2EH
01H
y = 511 + 1 = 512 sectors (01FF = 511
2FH
10H
30H
00H
z = 16 x 256 Bytes = 4 KByte/sector (0010H = 16)
31H
1FH
Block Information (y + 1 = Number of blocks; z x 256B = block size)
32H
00H
y = 31 + 1 = 32 blocks (1F = 31)
33H
00H
34H
01H
z = 256 x 256 Bytes = 64 KByte/block (0100H = 256)
T9.1 1243


Similar Part No. - SST39VF1682-70-4I-EKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF1682 SST-SST39VF1682 Datasheet
448Kb / 34P
   16 Mbit (x8) Multi-Purpose Flash Plus Active Current: 9 mA (typical)
More results

Similar Description - SST39VF1682-70-4I-EKE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_10 Datasheet
811Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39VF1681 SST-SST39VF1681_11 Datasheet
448Kb / 34P
   16 Mbit (x8) Multi-Purpose Flash Plus Active Current: 9 mA (typical)
SST39VF088 SST-SST39VF088_07 Datasheet
378Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39VF088 SST-SST39VF088 Datasheet
339Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080 SST-SST39LF080_07 Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com