Electronic Components Datasheet Search |
|
SST39VF1682-90-4I-EKE Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc |
|
SST39VF1682-90-4I-EKE Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc |
3 / 29 page Preliminary Specifications 16 Mbit Multi-Purpose Flash Plus SST39VF1681 / SST39VF1682 3 ©2003 Silicon Storage Technology, Inc. S71243-03-000 11/03 Chip-Erase Operation The SST39VF168x provide a Chip-Erase operation, which allows the user to erase the entire memory array to the “1” state. This is useful when the entire device must be quickly erased. The Chip-Erase operation is initiated by executing a six- byte command sequence with Chip-Erase command (10H) at address AAAH in the last byte sequence. The Erase operation begins with the rising edge of the sixth WE# or CE#, whichever occurs first. During the Erase operation, the only valid read is Toggle Bit or Data# Polling. See Table 6 for the command sequence, Figure 9 for tim- ing diagram, and Figure 23 for the flowchart. Any com- mands issued during the Chip-Erase operation are ignored. When WP# is low, any attempt to Chip-Erase will be ignored. During the command sequence, WP# should be statically held high or low. Write Operation Status Detection The SST39VF168x provide two software means to detect the completion of a Write (Program or Erase) cycle, in order to optimize the system write cycle time. The software detection includes two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The End-of-Write detection mode is enabled after the rising edge of WE#, which initiates the internal Program or Erase operation. The actual completion of the nonvolatile write is asyn- chronous with the system; therefore, either a Data# Poll- ing or Toggle Bit read may be simultaneous with the completion of the write cycle. If this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with either DQ7 or DQ6. In order to pre- vent spurious rejection, if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. If both reads are valid, then the device has completed the Write cycle, otherwise the rejection is valid. Data# Polling (DQ7) When the SST39VF168x are in the internal Program oper- ation, any attempt to read DQ7 will produce the comple- ment of the true data. Once the Program operation is completed, DQ7 will produce true data. Note that even though DQ7 may have valid data immediately following the completion of an internal Write operation, the remaining data outputs may still be invalid: valid data on the entire data bus will appear in subsequent successive Read cycles after an interval of 1 µs. During internal Erase oper- ation, any attempt to read DQ7 will produce a ‘0’. Once the internal Erase operation is completed, DQ7 will produce a ‘1’. The Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector-, Block- or Chip-Erase, the Data# Polling is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 6 for Data# Polling timing diagram and Figure 20 for a flowchart. Toggle Bits (DQ6 and DQ2) During the internal Program or Erase operation, any con- secutive attempts to read DQ6 will produce alternating “1”s and “0”s, i.e., toggling between 1 and 0. When the internal Program or Erase operation is completed, the DQ6 bit will stop toggling. The device is then ready for the next opera- tion. For Sector-, Block-, or Chip-Erase, the toggle bit (DQ6) is valid after the rising edge of sixth WE# (or CE#) pulse. DQ6 will be set to “1” if a Read operation is attempted on an Erase-Suspended Sector/Block. If Program operation is ini- tiated in a sector/block not selected in Erase-Suspend mode, DQ6 will toggle. An additional Toggle Bit is available on DQ2, which can be used in conjunction with DQ6 to check whether a particular sector is being actively erased or erase-suspended. Table 1 shows detailed status bits information. The Toggle Bit (DQ2) is valid after the rising edge of the last WE# (or CE#) pulse of Write operation. See Figure 7 for Toggle Bit timing diagram and Figure 20 for a flowchart. Note: DQ7 and DQ2 require a valid address when reading status information. TABLE 1: WRITE OPERATION STATUS Status DQ7 DQ6 DQ2 Normal Operation Standard Program DQ7# Toggle No Toggle Standard Erase 0 Toggle Toggle Erase- Suspend Mode Read from Erase Suspended Sector/Block 1 1 Toggle Read from Non- Erase Suspended Sector/Block Data Data Data Program DQ7# Toggle N/A T1.0 1243 |
Similar Part No. - SST39VF1682-90-4I-EKE |
|
Similar Description - SST39VF1682-90-4I-EKE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |