Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC832LP6GETR Datasheet(PDF) 7 Page - Analog Devices

Part # HMC832LP6GETR
Description  Cellular infrastructure
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC832LP6GETR Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC832LP6GETR Datasheet HTML 3Page - Analog Devices HMC832LP6GETR Datasheet HTML 4Page - Analog Devices HMC832LP6GETR Datasheet HTML 5Page - Analog Devices HMC832LP6GETR Datasheet HTML 6Page - Analog Devices HMC832LP6GETR Datasheet HTML 7Page - Analog Devices HMC832LP6GETR Datasheet HTML 8Page - Analog Devices HMC832LP6GETR Datasheet HTML 9Page - Analog Devices HMC832LP6GETR Datasheet HTML 10Page - Analog Devices HMC832LP6GETR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
HMC832
Data Sheet
Rev. A | Page 6 of 48
ABSOLUTE MAXIMUM RATINGS
Table 4. Absolute Maximum Ratings
Parameter
Rating
AVDD, RVDD, DVDD, VCCPD, VCCHF, VCCPS
 
−0.3 V to +3.6 V
VPPCP, VDDLS, VCC1
−0.3 V to +3.6 V
VCC2
−0.3 V to +3.6 V
Operating Temperature
−40°C to +85°C
Storage Temperature
−65°C to +150°C
Maximum Junction Temperature
150°C
Thermal Resistance (
θJC) (Junction to Case (Ground
Paddle))
9°C/W
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
ESD Sensitivity (HBM)
Class 1B
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
RECOMMENDED OPERATING CONDITIONS
Table 5. Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Temperature
Junction Temperature1
125
°C
Ambient Temperature
−40
+85
°C
Supply Voltage
AVDD, RVDD, DVDD, VCCPD, VCCHF,
VCCPS, VPPCP, VDDLS, VCC1, VCC2
3.1
3.3
3.5
V
1 Layout design guidelines set out in Qualification Test Report are strongly
recommended.
ESD CAUTION


Similar Part No. - HMC832LP6GETR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8325 AD-HMC8325 Datasheet
309Kb / 16P
   E-Band Low Noise Amplifier
HMC8325-SX AD-HMC8325-SX Datasheet
309Kb / 16P
   E-Band Low Noise Amplifier
HMC8326LG AD-HMC8326LG Datasheet
176Kb / 2P
   E-BAND LOW NOISE DOWNCONVERTER SIP 71 - 76 GHz
HMC8327LG AD-HMC8327LG Datasheet
174Kb / 2P
   E-BAND LOW NOISE DOWNCONVERTER SIP 81 - 86 GHz
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
More results

Similar Description - HMC832LP6GETR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
   Cellular Applications
logo
RFHIC
RFUR08-50 RFHIC-RFUR08-50 Datasheet
239Kb / 5P
   Cellular Converter
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A_15 Datasheet
296Kb / 5P
   4G Cellular
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
   Cellular phones
logo
OmniVision Technologies...
OV6211 OMNIVISION-OV6211 Datasheet
1Mb / 2P
   Cellular Phones
logo
Guangdong Youtai Semico...
ESD05V52D UMW-ESD05V52D Datasheet
800Kb / 3P
   Cellular phones
logo
Siemens Semiconductor G...
TC35I SIEMENS-TC35I Datasheet
3Mb / 37P
   Siemens Cellular Engine
logo
Microsemi Corporation
1.5KCD6.8 MICROSEMI-1.5KCD6.8 Datasheet
134Kb / 2P
   CELLULAR DIE PACKAGE
logo
RFHIC
RFC092 RFHIC-RFC092 Datasheet
336Kb / 4P
   Cellular Mini Amplifier
logo
TELTONIKA NETWORKS.
RUT240 TELTONIKA-RUT240 Datasheet
1Mb / 14P
   INDUSTRIAL CELLULAR ROUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com