Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKIT01-HMC832LP6G Datasheet(PDF) 10 Page - Analog Devices

Part # EKIT01-HMC832LP6G
Description  Cellular infrastructure
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EKIT01-HMC832LP6G Datasheet(HTML) 10 Page - Analog Devices

Back Button EKIT01-HMC832LP6G Datasheet HTML 6Page - Analog Devices EKIT01-HMC832LP6G Datasheet HTML 7Page - Analog Devices EKIT01-HMC832LP6G Datasheet HTML 8Page - Analog Devices EKIT01-HMC832LP6G Datasheet HTML 9Page - Analog Devices EKIT01-HMC832LP6G Datasheet HTML 10Page - Analog Devices EKIT01-HMC832LP6G Datasheet HTML 11Page - Analog Devices EKIT01-HMC832LP6G Datasheet HTML 12Page - Analog Devices EKIT01-HMC832LP6G Datasheet HTML 13Page - Analog Devices EKIT01-HMC832LP6G Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Data Sheet
HMC832
Figure 9. Fractional Spurious Performance at 904 MHz, Exact Frequency
Mode On, 122.88 MHz XTAL, PFD = 61.44 MHz, Channel Spacing = 200 kHz,
Loop Filter Type 2 (See Table 12)
Figure 10. Fractional Spurious Performance at 2118.24 MHz,
Exact Frequency Mode On, 122.88 MHz XTAL, PFD = 61.44 MHz, Channel
Spacing = 240 kHz, Loop Filter Type 2 (See Table 12)
Figure 11. Fractional Spurious Performance at 2646.96 MHz, Exact Frequency
Mode On, 122.88 MHz XTAL, PFD = 61.44 MHz, Channel Spacing = 240 kHz,
Loop Filter Type 2 (See Table 12)
Figure 12. Fractional Spurious Performance at 1804 MHz, Exact Frequency
Mode On, 122.88 MHz XTAL, PFD = 61.44 MHz, Channel Spacing = 200 kHz,
Loop Filter Type 2 (See Table 12)
Figure 13. Fractional Spurious Performance at 2118.24 MHz, Identical
Configuration to Figure 10 with Exact Frequency Mode Off
Figure 14. Fractional Spurious Performance at 2646.96 MHz, Identical
Configuration to Figure 11 with Exact Frequency Mode Off
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
LOW CURRENT MODE (VCO_REG0x03[10] = 1d)
SSB INTEGRATED PHASE NOISE = –64.3dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 61.3dB, EVM = 0.086%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
HIGH PERFORMANCE MODE (VCO_REG0x03[10] = 3d)
SSB INTEGRATED PHASE NOISE = –65.5dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 62.5dB, EVM = 0.075% PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
HIGH PERFORMANCE MODE (VCO_REG0x03[10] = 3d)
SSB INTEGRATED PHASE NOISE = –57.45dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 54.45dB, EVM = 0.189%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
LOW CURRENT MODE (VCO_REG0x03[10] = 1d)
SSB INTEGRATED PHASE NOISE = –57dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 54dB, EVM = 0.199%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
LOW CURRENT MODE (VCO_REG0x03[10] = 1d)
SSB INTEGRATED PHASE NOISE = –55.6dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 52.6dB, EVM = 0.234%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
HIGH PERFORMANCE MODE (VCO_REG0x03[10] = 3d)
SSB INTEGRATED PHASE NOISE = –56dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 53dB, EVM = 0.224%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
LOW CURRENT MODE (VCO_REG0x03 [10] = 1d)
SSB INTEGRATED PHASE NOISE = –58.7dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 55.7dB, EVM = 0.164%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
HIGH PERFORMANCE MODE (VCO_REG0x03[10] = 3d)
SSB INTEGRATED PHASE NOISE = –59dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 56dB, EVM = 0.158%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
LOW CURRENT MODE (VCO_REG0x03[10] = 1d)
SSB INTEGRATED PHASE NOISE = –57dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 54, EVM = 0.199%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
HIGH PERFORMANCE MODE (VCO_REG0x03[10] = 3d)
SSB INTEGRATED PHASE NOISE = –57.45dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 54.45dB, EVM = 0.189%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
–180
–160
–140
–120
–100
–80
–60
OFFSET (Hz)
1k
10k
100k
1M
10M
100M
LOW CURRENT MODE (VCO_REG0x03[10] = 1d)
SSB INTEGRATED PHASE NOISE = –55.6dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 52.6dB, EVM = 0.234%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
HIGH PERFORMANCE MODE (VCO_REG0x03[10] = 3d)
SSB INTEGRATED PHASE NOISE = –56dBc
INTEGRATION BANDWIDTH = 1kHz TO 100MHz
SNR = 53dB, EVM = 0.224%, PHASE NOISE
INTEGRATION BANDWIDTH 1kHz TO 100MHz
Rev. A | Page 9 of 48


Similar Part No. - EKIT01-HMC832LP6G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
EKIT01-HMC830LP6GE HITTITE-EKIT01-HMC830LP6GE Datasheet
2Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
More results

Similar Description - EKIT01-HMC832LP6G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
   Cellular Applications
logo
RFHIC
RFUR08-50 RFHIC-RFUR08-50 Datasheet
239Kb / 5P
   Cellular Converter
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A_15 Datasheet
296Kb / 5P
   4G Cellular
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
   Cellular phones
logo
OmniVision Technologies...
OV6211 OMNIVISION-OV6211 Datasheet
1Mb / 2P
   Cellular Phones
logo
Guangdong Youtai Semico...
ESD05V52D UMW-ESD05V52D Datasheet
800Kb / 3P
   Cellular phones
logo
Siemens Semiconductor G...
TC35I SIEMENS-TC35I Datasheet
3Mb / 37P
   Siemens Cellular Engine
logo
Microsemi Corporation
1.5KCD6.8 MICROSEMI-1.5KCD6.8 Datasheet
134Kb / 2P
   CELLULAR DIE PACKAGE
logo
RFHIC
RFC092 RFHIC-RFC092 Datasheet
336Kb / 4P
   Cellular Mini Amplifier
logo
TELTONIKA NETWORKS.
RUT240 TELTONIKA-RUT240 Datasheet
1Mb / 14P
   INDUSTRIAL CELLULAR ROUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com